Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4049M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC4049M
Description  Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4049M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC4049M Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4049M Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4049M Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4049M Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4049M Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4049M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS005214
www.fairchildsemi.com
February 1984
Revised October 1999
MM74HC4049 • MM74HC4050
Hex Inverting Logic Level Down Converter •
Hex Logic Level Down Converter
General Description
The
MM74HC4049
and
the
MM74HC4050
utilize
advanced silicon-gate CMOS technology, and have a mod-
ified input protection structure that enables these parts to
be used as logic level translators which will convert high
level logic to a low level logic while operating from the low
logic supply. For example, 0–15V CMOS logic can be con-
verted to 0–5V logic when using a 5V supply. The modified
input protection has no diode connected to VCC, thus allow-
ing the input voltage to exceed the supply. The lower zener
diode protects the input from both positive and negative
static voltages. In addition each part can be used as a sim-
ple buffer or inverter without level translation. The
MM74HC4049 is pin and functionally compatible to the
CD4049BC and the MM74HC4050 is compatible to the
CD4050BC
Features
s Typical propagation delay: 8 ns
s Wide power supply range: 2V–6V
s Low quiescent supply current: 20
µA maximum (74HC)
s Fanout of 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
MM74HC4049
MM74HC4050
Order Number
Package Number Package Description
MM74HC4049M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4049SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4049MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide
MM74HC4049N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74HC4050M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4050SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4050MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide
MM74HC4050N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74HC4049M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4040 FAIRCHILD-MM74HC4040 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040M FAIRCHILD-MM74HC4040M Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040MTC FAIRCHILD-MM74HC4040MTC Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040N FAIRCHILD-MM74HC4040N Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040SJ FAIRCHILD-MM74HC4040SJ Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results

Similar Description - MM74HC4049M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
   HEX BUFFER/CONVERTER (INVERTING)
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
   HEX BUFFER/CONVERTER (INVERTING)
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
   HEX BUFFER/CONVERTER INVERTING TYPE
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
SparkFun Electronics
PRT-14765 SPARKFUN-PRT-14765 Datasheet
251Kb / 2P
   SparkFun Logic Level Converter - Single Supply
8??3??8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com