Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC393N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HC393N
Description  Dual 4-Bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC393N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC393N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC393N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings
(Note 2)
(Note 1)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
160
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC393N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC393N FAIRCHILD-MM74HC393N Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
More results

Similar Description - MM74HC393N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
   DUAL 4 BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com