Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1C562MB5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECHU1C562MB5
Description  Stacked metallized PPS film as dielectric with simple mold-less construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C562MB5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECHU1C562MB5 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C562MB5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Film Chip Capacitor
Type:
ECHU (B)
Stacked metallized PPS film as dielectric with simple
mold-less construction
■Features
Small in size (minimum size 2.01.25mm)
85˚C, 85%RH, W.V. 1.0 for 500 hours
Applicable for both flow and reflow soldering
■Recommended Applications
Time-constant
Filtering
Oscillation and resonance
■Explanation of Part Numbers
123456789
10
11
12
E
C
H
U
Product code
Dielectric &
construction
Rated voltage
Capacitance
B
Cap. Tol. Suffix
Suffix
1C
16VDC
1H
50VDC
G
±2%
J
±5%
58mm
9
12mm
Tape width
■Specifications
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor
Insulation resistance
–55 to +125˚C
16VDC, 50VDC
0.0001 to 0.1 µF (E12)
±2%(G), ±5%(J)
Between terminals : Rated volt. (VDC)175% 1 to 5s
<
=0.6% (20˚C, 1kHz)
16VDC : >
=3000M
Ω (20˚C, 10VDC 60s)
50VDC : >
=3000M
Ω (20˚C, 50VDC 60s)
Soldering conditions
Flow soldering : 260˚C max. 5sec max.
Reflow soldering : 260˚C max. and 30sec max. at more than 230˚C
(Temp. at cap. surface)
■Construction
Element
(stacked)
Outer electrode
■Dimensions in mm (not to scale)
L
±0.2
(
±0.3)
W
±0.2
0.35
±0.20
0.35
±0.20
To be applied
only for size
code E1 & E2
Size code
J1
2.0
1.25
0.8
J2
2.0
1.25
1.0
H1
3.2
1.6
0.8
H2
3.2
1.6
1.0
H3
3.2
1.6
1.4
G1
3.2
2.5
1.0
G2
3.2
2.5
1.4
G3
3.2
2.5
2.0
E1
4.8
3.3
1.4
E2
4.8
3.3
2.0
LW
H


Similar Part No. - ECHU1C562MB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C562MB5 PANASONIC-ECHU1C562MB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECHU1C562MB5 PANASONIC-ECHU1C562MB5 Datasheet
63Kb / 2P
   Film Chip Capacitor
ECHU1C562MB5 PANASONIC-ECHU1C562MB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
More results

Similar Description - ECHU1C562MB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com