Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQCB1A100BA76A Datasheet(PDF) 4 Page - AVX Corporation

Part # SQCB1A100BA76A
Description  Microwave MLCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCB1A100BA76A Datasheet(HTML) 4 Page - AVX Corporation

  SQCB1A100BA76A Datasheet HTML 1Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 2Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 3Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 4Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 5Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 6Page - AVX Corporation SQCB1A100BA76A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
122
8
TABLE V: TC: A (0±30PPM/°C)
TABLE VI: TC: C (±15%)
Cap. pF
Cap. Tol.
WVDC
0.1
B
500
0.2
B
500
0.3
B,C
500
0.4
B,C
500
0.5
B, C, D
500
0.6
B, C, D
500
0.7
B, C, D
500
0.8
B, C, D
500
0.9
B, C, D
500
1.0
B, C, D
500
1.1
B, C, D
500
1.2
B, C, D
500
1.3
B, C, D
500
1.4
B, C, D
500
1.5
B, C, D
500
1.6
B, C, D
500
1.7
B, C, D
500
1.8
B, C, D
500
1.9
B, C, D
500
2.0
B, C, D
500
2.2
B, C, D
500
2.4
B, C, D
500
2.7
B, C, D
500
3.0
B, C, D
500
3.3
B, C, D
500
3.6
B, C, D
500
Cap. pF
Cap. Tol.
WVDC
3.9
B, C, D
500
4.3
B, C, D
500
4.7
B, C, D
500
5.1
B, C, D
500
5.6
B, C, D
500
6.2
B, C, D
500
6.8
B, C, J, K
500
7.5
B, C, J, K
500
8.2
B, C, J, K
500
9.1
B, C, J, K
500
10
F, G, J, K
500
11
F, G, J, K
500
12
F, G, J, K
500
13
F, G, J, K
500
15
F, G, J, K
500
16
F, G, J, K
500
18
F, G, J, K
500
20
F, G, J, K
500
22
F, G, J, K
500
24
F, G, J, K
500
27
F, G, J, K
500
30
F, G, J, K
500
33
F, G, J, K
500
36
F, G, J, K
500
39
F, G, J, K
500
43
F, G, J, K
500
Cap. pF
Cap. Tol.
WVDC
47
F, G, J, K
500
51
F, G, J, K
500
56
F, G, J, K
500
62
F, G, J, K
500
68
F, G, J, K
500
75
F, G, J, K
500
82
F, G, J, K
500
91
F, G, J, K
500
100
F, G, J, K
500
110
F, G, J, K
300
120
F, G, J, K
300
130
F, G, J, K
300
150
F, G, J, K
300
160
F, G, J, K
300
180
F, G, J, K
300
200
F, G, J, K
300
220
F, G, J, K
200
240
F, G, J, K
200
270
F, G, J, K
200
300
F, G, J, K
200
330
F, G, J, K
200
360
F, G, J, K
200
390
F, G, J, K
200
430
F, G, J, K
200
470
F, G, J, K
200
510
F, G, J, K
150
Cap. pF
Cap. Tol.
WVDC
560
F, G, J, K
150
620
F, G, J, K
150
680
F, G, J, K
150
750
F, G, J, K
150
820
F, G, J, K
150
910
F, G, J, K
150
1000
F, G, J, K
150
1100
F, G, J, K
50
1200
F, G, J, K
50
1300
F, G, J, K
50
1500
F, G, J, K
50
1600
F, G, J, K
50
1800
F, G, J, K
50
2000
F, G, J, K
50
2200
F, G, J, K
50
2400
F, G, J, K
50
2700
F, G, J, K
50
3000
F, G, J, K
50
3300
F, G, J, K
50
3600
F, G, J, K
50
3900
F, G, J, K
50
4300
F, G, J, K
50
4700
F, G, J, K
50
5000
F, G, J, K
50
5100
F, G, J, K
50
TABLE IV: TC: M (+90±20PPM/°C)
Cap. pF
Cap. Tol.
WVDC
0.1
B
500
0.2
B
500
0.3
B,C
500
0.4
B,C
500
0.5
B, C, D
500
0.6
B, C, D
500
0.7
B, C, D
500
0.8
B, C, D
500
0.9
B, C, D
500
1.0
B, C, D
500
1.1
B, C, D
500
1.2
B, C, D
500
1.3
B, C, D
500
1.4
B, C, D
500
1.5
B, C, D
500
1.6
B, C, D
500
1.7
B, C, D
500
1.8
B, C, D
500
1.9
B, C, D
500
2.0
B, C, D
500
2.2
B, C, D
500
2.4
B, C, D
500
Cap. pF
Cap. Tol.
WVDC
2.7
B, C, D
500
3.0
B, C, D
500
3.3
B, C, D
500
3.6
B, C, D
500
3.9
B, C, D
500
4.3
B, C, D
500
4.7
B, C, D
500
5.1
B, C, D
500
5.6
B, C, D
500
6.2
B, C, D
500
6.8
B, C, J, K
500
7.5
B, C, J, K
500
8.2
B, C, J, K
500
9.1
B, C, J, K
500
10
F, G, J, K
500
11
F, G, J, K
500
12
F, G, J, K
500
13
F, G, J, K
500
15
F, G, J, K
500
16
F, G, J, K
500
18
F, G, J, K
500
Cap. pF
Cap. Tol.
WVDC
20
F, G, J, K
500
22
F, G, J, K
500
24
F, G, J, K
500
27
F, G, J, K
500
30
F, G, J, K
500
33
F, G, J, K
500
36
F, G, J, K
500
39
F, G, J, K
500
43
F, G, J, K
500
47
F, G, J, K
500
51
F, G, J, K
500
56
F, G, J, K
500
62
F, G, J, K
500
68
F, G, J, K
500
75
F, G, J, K
500
82
F, G, J, K
500
91
F, G, J, K
500
100
F, G, J, K
500
110
F, G, J, K
300
120
F, G, J, K
300
130
F, G, J, K
300
Cap. pF
Cap. Tol.
WVDC
150
F, G, J, K
300
160
F, G, J, K
300
180
F, G, J, K
300
200
F, G, J, K
300
220
F, G, J, K
200
240
F, G, J, K
200
270
F, G, J, K
200
300
F, G, J, K
200
330
F, G, J, K
200
360
F, G, J, K
200
390
F, G, J, K
200
430
F, G, J, K
200
470
F, G, J, K
200
510
F, G, J, K
150
560
F, G, J, K
150
620
F, G, J, K
150
680
F, G, J, K
150
750
F, G, J, K
150
820
F, G, J, K
150
910
F, G, J, K
150
1000
F, G, J, K
150
Cap. pF
Cap. Tol.
WVDC
5000
K, M, N
50
6800
K, M, N
50
8200
K, M, N
50
10000
K, M, N
50
12000
K, M, N
50
Cap. pF
Cap. Tol.
WVDC
15000
K, M, N
50
18000
K, M, N
50
27000
K, M, N
50
33000
K, M, N
50
39000
K, M, N
50
Cap. pF
Cap. Tol.
WVDC
47000
K, M, N
50
68000
K, M, N
50
82000
K, M, N
50
100000
K, M, N
50
Microwave MLC’s
SQ Series Available Capacitance/Size/WVDC/T.C.
Case Size B


Similar Part No. - SQCB1A100BA76A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB1A100BAT1A AVX-SQCB1A100BAT1A Datasheet
925Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
More results

Similar Description - SQCB1A100BA76A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP1210 ETC2-ATCHP1210 Datasheet
78Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
AVX Corporation
GD AVX-GD_17 Datasheet
107Kb / 1P
   Microwave SLCs
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com