Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC251MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC251MTC
Description  8-Channel 3-STATE Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC251MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC251MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC251MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPDVCCf + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
26
35
ns
A, B or C to Y
tPHL, tPLH
Maximum Propagation
27
35
ns
Delay, A, B or C to W
tPHL, tPLH
Maximum Propagation
22
29
ns
Delay, Any D to Y
tPHL, tPLH
Maximum Propagation
24
32
ns
Delay, Any D to W
tPZH, tPZL
Maximum Output Enable
RL = 1 kΩ
19
27
ns
Time, W Output
CL = 50 pF
tPZH, tPZL
Maximum Output Enable
RL = 1 kΩ
19
26
ns
Time, Y Output
CL = 50 pF
tPHZ, tPLZ
Maximum Output Disable Time
RL = 1 kΩ
26
40
ns
W Output
CL = 5 pF
tPHZ, tPLZ
Maximum Output Disable Time
RL = 1 kΩ
27
35
ns
Y Output
CL = 5 pF
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation Delay
2.0V
90
205
256
300
ns
A, B or C to Y
4.5V
31
41
51
60
ns
6.0V
26
35
44
51
ns
tPHL, tPLH Maximum Propagation
2.0V
95
205
256
300
ns
Delay, A, B or C to W
4.5V
32
41
51
60
ns
6.0V
27
35
44
51
ns
tPHL, tPLH Maximum Propagation
2.0V
70
195
244
283
ns
Delay, any D to Y
4.5V
27
39
49
57
ns
6.0V
23
33
41
48
ns
tPHL, tPLH Maximum Propagation
2.0V
75
185
231
268
ns
Delay, any D to W
4.5V
29
37
46
54
ns
6.0V
25
32
40
46
ns
tPZH, tPZL Maximum Output Enable Time
RL = 1 kΩ
2.0V
45
150
188
218
ns
W Output
4.5V
21
30
38
44
ns
6.0V
18
26
33
38
ns
tPZH, tPZL Maximum Output Enable Time
RL = 1 kΩ
2.0V
45
145
181
210
ns
Y Output
4.5V
21
29
36
42
ns
6.0V
18
25
31
36
ns
tPHZ, tPLZ Maximum Output Disable Time
RL = 1 kΩ
2.0V
60
220
275
319
ns
W Output
4.5V
29
44
55
64
ns
6.0V
25
37
46
54
ns
tPHZ, tPLZ Maximum Output Disable Time
RL = 1 kΩ
2.0V
60
195
244
283
ns
Y Output
4.5V
30
39
49
57
ns
6.0V
26
33
41
48
ns
tTHL, tTLH Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation Capacitance (Note 5) (per package)
110
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF


Similar Part No. - MM74HC251MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253J NSC-MM74HC253J Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253M NSC-MM74HC253M Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253N NSC-MM74HC253N Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
More results

Similar Description - MM74HC251MTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
   8-Channel Multiplexer (3-state)
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
   8 CHANNEL MULTIPLEXER (3 STATE)
logo
STMicroelectronics
M74HC251 STMICROELECTRONICS-M74HC251 Datasheet
379Kb / 11P
   8-CHANNEL MULTIPLEXER (3-STATE)
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
   RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com