Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC107M020ANJV Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJC107M020ANJV
Description  TAJ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC107M020ANJV Datasheet(HTML) 3 Page - AVX Corporation

  TAJC107M020ANJV Datasheet HTML 1Page - AVX Corporation TAJC107M020ANJV Datasheet HTML 2Page - AVX Corporation TAJC107M020ANJV Datasheet HTML 3Page - AVX Corporation TAJC107M020ANJV Datasheet HTML 4Page - AVX Corporation TAJC107M020ANJV Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JUNE 2013
I 25
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TAJR475*002#NJ
R
4.7
2.5
0.5
6
20
1
TAJR685*002#NJ
R
6.8
2.5
0.5
6
20
1
TAJR106*002#NJ
R
10
2.5
0.5
8
4.5
1
TAJS106*002#NJ
S
10
2.5
0.5
6
8
1
TAJR156*002#NJ
R
15
2.5
0.5
8
4.1
1
TAJP226*002#NJ
P
22
2.5
0.5
8
3.5
1
TAJR226*002#NJ
R
22
2.5
0.5
8
3.8
1
TAJK336*002#NJ
K
33
2.5
0.8
8
1.7
1
TAJP336*002#NJ
P
33
2.5
0.7
8
3.5
1
TAJS336*002#NJ
S
33
2.5
0.7
8
1.5
1
TAJP476M002#NJ
P
47
2.5
1.2
12
3.2
1
TAJS476*002#NJ
S
47
2.5
1.2
8
1.6
1
TAJT686*002#NJ
T
68
2.5
1.4
8
1.5
1
TAJT107*002#NJ
T
100
2.5
2.5
15
1.3
1
TAJW107*002#NJ
W
100
2.5
2.5
8
0.4
1
TAJT157M002#NJ
T
150
2.5
3.8
18
1.2
1
TAJW157*002#NJ
W
150
2.5
3.8
8
0.3
1
TAJW227*002#NJ
W
220
2.5
5.5
8
0.3
1
TAJY227*002#NJ
Y
220
2.5
5.5
8
0.3
11)
TAJW337M002#NJ
W
330
2.5
8.2
12
0.3
1
TAJY337*002#NJ
Y
330
2.5
8.2
8
0.3
11)
TAJF477*002#NJ
F
470
2.5
11.8
12
0.3
1
TAJY477*002#NJ
Y
470
2.5
11
12
0.2
11)
TAJY687*002#NJ
Y
680
2.5
17
12
0.2
11)
TAJY108M002#NJ
Y
1000
2.5
25
30
0.2
11)
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TAJR225*004#NJ
R
2.2
4
0.5
6
25
1
TAJS225*004#NJ
S
2.2
4
0.5
6
25
1
TAJR335*004#NJ
R
3.3
4
0.5
6
20
1
TAJS335*004#NJ
S
3.3
4
0.5
6
18
1
TAJR475*004#NJ
R
4.7
4
0.5
6
12
1
TAJS475*004#NJ
S
4.7
4
0.5
6
10
1
TAJR685*004#NJ
R
6.8
4
0.5
6
5.2
1
TAJS685*004#NJ
S
6.8
4
0.5
6
8
1
TAJT685*004#NJ
T
6.8
4
0.5
6
6
1
TAJR106*004#NJ
R
10
4
0.5
6
7
1
TAJS106*004#NJ
S
10
4
0.5
6
6
1
TAJT106*004#NJ
T
10
4
0.5
6
5
1
TAJR156*004#NJ
R
15
4
0.6
8
4
1
TAJS156*004#NJ
S
15
4
0.6
8
4
1
TAJT156*004#NJ
T
15
4
0.6
6
2
1
TAJK226*004#NJ
K
22
4
0.9
8
1.8
1
TAJP226*004#NJ
P
22
4
0.9
8
4
1
TAJR226*004#NJ
R
22
4
0.9
8
3.8
1
TAJS226*004#NJ
S
22
4
0.9
8
3.5
1
TAJT226*004#NJ
T
22
4
0.9
6
1.9
1
TAJK336*004#NJ
K
33
4
1.3
10
1.7
1
TAJP336M004#NJ
P
33
4
1.3
8
2.8
1
TAJS336*004#NJ
S
33
4
1.3
8
1.7
1
TAJT336*004#NJ
T
33
4
1.3
6
1.7
1
TAJW336*004#NJ
W
33
4
1.3
6
0.6
1
TAJT476*004#NJ
T
47
4
1.9
10
1.6
1
TAJW476*004#NJ
W
47
4
1.9
6
0.5
1
TAJT686*004#NJ
T
68
4
2.7
15
1.5
1
TAJW686*004#NJ
W
68
4
2.7
6
0.4
1
TAJT107M004#NJ
T
100
4
4
14
1.4
1
TAJW107*004#NJ
W
100
4
4
6
0.4
1
TAJW157*004#NJ
W
150
4
6
6
0.5
1
TAJY157*004#NJ
Y
150
4
6
6
0.4
11)
TAJW227*004#NJ
W
220
4
8.8
8
0.3
1
TAJX227*004#NJ
X
220
4
8.8
8
0.9
11)
TAJY227*004#NJ
Y
220
4
8.8
8
0.3
11)
TAJF337*004#NJ
F
330
4
13.2
10
0.3
1
TAJX337*004#NJ
X
330
4
13.2
8
0.3
11)
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJY337*004#NJ
Y
330
4
13.2
12
0.4
11)
TAJY477*004#NJ
Y
470
4
18.8
14
0.4
11)
TAJY687M004#NJ
Y
680
4
27.2
25
0.2
11)
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TAJR155*006#NJ
R
1.5
6.3
0.5
6
25
1
TAJS155*006#NJ
S
1.5
6.3
0.5
6
25
1
TAJR225*006#NJ
R
2.2
6.3
0.5
6
20
1
TAJS225*006#NJ
S
2.2
6.3
0.5
6
18
1
TAJR335*006#NJ
R
3.3
6.3
0.5
6
12
1
TAJS335*006#NJ
S
3.3
6.3
0.5
6
9
1
TAJR475*006#NJ
R
4.7
6.3
0.5
6
7
1
TAJS475*006#NJ
S
4.7
6.3
0.5
6
7.5
1
TAJT475*006#NJ
T
4.7
6.3
0.5
6
6
1
TAJR685*006#NJ
R
6.8
6.3
0.5
8
7
1
TAJS685*006#NJ
S
6.8
6.3
0.5
6
2.6
1
TAJT685*006#NJ
T
6.8
6.3
0.5
6
5
1
TAJP106*006#NJ
P
10
6.3
0.6
8
6
1
TAJR106*006#NJ
R
10
6.3
0.6
8
6
1
TAJS106*006#NJ
S
10
6.3
0.6
8
4
1
TAJT106*006#NJ
T
10
6.3
0.6
6
4
1
TAJK156*006#NJ
K
15
6.3
0.9
6
2
1
TAJP156*006#NJ
P
15
6.3
0.9
8
3.5
1
TAJR156*006#NJ
R
15
6.3
0.9
8
4.1
1
TAJS156*006#NJ
S
15
6.3
0.9
8
3.5
1
TAJT156*006#NJ
T
15
6.3
0.9
6
3.5
1
TAJK226*006#NJ
K
22
6.3
1.3
10
1.8
1
TAJP226M006#NJ
P
22
6.3
1.3
8
3.3
1
TAJS226*006#NJ
S
22
6.3
1.3
10
1.8
1
TAJT226*006#NJ
T
22
6.3
1.4
8
2.5
1
TAJW226*006#NJ
W
22
6.3
1.3
6
0.6
1
TAJT336*006#NJ
T
33
6.3
2.1
10
2.5
1
TAJW336*006#NJ
W
33
6.3
2
6
0.5
1
TAJT476*006#NJ
T
47
6.3
2.8
10
1.6
1
TAJW476*006#NJ
W
47
6.3
2.8
6
0.5
1
TAJW686*006#NJ
W
68
6.3
4.3
6
1.5
1
TAJW107*006#NJ
W
100
6.3
6.3
6
0.9
1
TAJY107*006#NJ
Y
100
6.3
6.3
6
0.7
11)
TAJW157*006#NJ
W
150
6.3
9
8
0.3
1
TAJX157*006#NJ
X
150
6.3
9
6
0.4
11)
TAJY157*006#NJ
Y
150
6.3
9.5
6
0.4
11)
TAJF227*006#NJ
F
220
6.3
13.2
10
0.3
1
TAJX227*006#NJ
X
220
6.3
13.2
8
0.3
11)
TAJY227*006#NJ
Y
220
6.3
13.9
8
0.7
11)
TAJY337*006#NJ
Y
330
6.3
20.8
12
0.4
11)
TAJY477*006#NJ
Y
470
6.3
28.2
20
0.2
11)
10 Volt @ 85ºC (7 Volt @ 125ºC)
TAJR105*010#NJ
R
1
10
0.5
4
25
1
TAJS105*010#NJ
S
1
10
0.5
4
25
1
TAJR155*010#NJ
R
1.5
10
0.5
6
20
1
TAJS155*010#NJ
S
1.5
10
0.5
6
20
1
TAJR225*010#NJ
R
2.2
10
0.5
6
15
1
TAJS225*010#NJ
S
2.2
10
0.5
6
12
1
TAJR335*010#NJ
R
3.3
10
0.5
6
8
1
TAJS335*010#NJ
S
3.3
10
0.5
6
8
1
TAJT335*010#NJ
T
3.3
10
0.5
6
6
1
TAJR475*010#NJ
R
4.7
10
0.5
6
9
1
TAJS475*010#NJ
S
4.7
10
0.5
6
5
1
TAJT475*010#NJ
T
4.7
10
0.5
6
5
1
TAJP685*010#NJ
P
6.8
10
0.6
6
5
1
TAJR685*010#NJ
R
6.8
10
0.7
6
5.2
1
TAJS685*010#NJ
S
6.8
10
0.7
6
4
1
TAJT685*010#NJ
T
6.8
10
0.7
6
4
1
TAJK106*010#NJ
K
10
10
1
6
2.2
1
TAJP106*010#NJ
P
10
10
1
8
6
1
TAJR106M010#NJ
R
10
10
1
20
6
1
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 144.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TAJC107M020ANJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC107M020ANJV AVX-TAJC107M020ANJV Datasheet
110Kb / 5P
   Low Profile
TAJC107M020ANJV AVX-TAJC107M020ANJV Datasheet
190Kb / 7P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJC107M020ANJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA684K025RNJ AVX-TAJA684K025RNJ Datasheet
118Kb / 5P
   TAJ Series
TAJD106M025RNJ AVX-TAJD106M025RNJ Datasheet
140Kb / 8P
   TAJ Series
TAJE107M025RNJ AVX-TAJE107M025RNJ Datasheet
143Kb / 8P
   TAJ Series
TAJC226M016R AVX-TAJC226M016R Datasheet
118Kb / 5P
   TAJ Series
TAJR685K010RNJ AVX-TAJR685K010RNJ Datasheet
94Kb / 5P
   TAJ Series
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com