Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU-120220-0311 Datasheet(PDF) 2 Page - ITT Industries

Part # CU-120220-0311
Description  MICRO UNIVERSAL CONTACT Z 1.8MM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CU-120220-0311 Datasheet(HTML) 2 Page - ITT Industries

  CU-120220-0311 Datasheet HTML 1Page - ITT Industries CU-120220-0311 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - CU-120220-0311

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.3MM
CU-120220-0312 ITT-CU-120220-0312 Datasheet
355Kb / 2P
   MICRO UNIVERSAL CONTACT Z 2.5MM
CU-120220-0313 ITT-CU-120220-0313 Datasheet
357Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.0MM
CU-120220-0314 ITT-CU-120220-0314 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.5MM
CU-120220-0315 ITT-CU-120220-0315 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 4.0MM
More results

Similar Description - CU-120220-0311

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CU-120220-0314 ITT-CU-120220-0314 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.5MM
CU-120220-0312 ITT-CU-120220-0312 Datasheet
355Kb / 2P
   MICRO UNIVERSAL CONTACT Z 2.5MM
CU-120220-0315 ITT-CU-120220-0315 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 4.0MM
CU-120220-0313 ITT-CU-120220-0313 Datasheet
357Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.0MM
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.3MM
logo
List of Unclassifed Man...
QBL912ZC-IR3 ETC1-QBL912ZC-IR3 Datasheet
624Kb / 9P
   1.8mm Round Subminiature Z-Bend Lead IR LEDs
QBL912ZC-IR2 ETC1-QBL912ZC-IR2 Datasheet
591Kb / 9P
   1.8mm Round Subminiature Z-Bend Lead IR LEDs
logo
ITT Industries
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
logo
Kycon, Inc.
KMMX KYCON-KMMX Datasheet
420Kb / 1P
   Micro Universal Serial Bus
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
   Spring Contact(micro clip)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com