Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQCB5M100CAJ1A Datasheet(PDF) 7 Page - AVX Corporation

Part # SQCB5M100CAJ1A
Description  Microwave MLCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCB5M100CAJ1A Datasheet(HTML) 7 Page - AVX Corporation

  SQCB5M100CAJ1A Datasheet HTML 1Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 2Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 3Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 4Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 5Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 6Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
125
8
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
Series Resonant Frequency
100
1000
10000
1
10
100
1000
Capacitance (pF)
SQCA
SQCB
A
D
C
B
Case
A min
B min
C min
D min
SQCA
0.082 (2.083)
0.051 (1.295)
0.032 (0.813)
0.130 (3.302)
SQCB
0.131 (3.327)
0.051 (1.295)
0.074 (1.880)
0.177 (4.496)
SQCS
0.038 (0.965)
0.043 (1.092)
0.025 (0.635)
0.112 (2.845)
SQCF
0.059 (1.499)
0.051 (1.295)
0.024 (0.610)
0.125 (3.175)
MOUNTING PAD DIMENSIONS: inches (millimeters)
SQCA & SQCB DESIGN KITS
PN
Series
Diel
Term
Range
Different Values
# per value
KITSQ100LF
SQCA
P90
100% Tin
.1 to 2pF
16
15
KITSQ400LF
C0G
RoHS
KITSQ200LF
SQCA
P90
100% Tin
1 to 10pF
16
15
KITSQ500LF
C0G
RoHS
KITSQ300LF
SQCA
P90
100% Tin
10 to 100pF
16
15
KITSQ600LF
C0G
RoHS
KITSQ700LF
SQCA
C0G
100% Tin
100 to 1000pF
16
15
RoHS
KITSQ800LF
SQCB
P90
100% Tin
1 to 10pF
16
15
KITSQ1100LF
C0G
RoHS
KITSQ900LF
SQCB
P90
100% Tin
10 to 100pF
16
15
KITSQ1200LF
C0G
RoHS
KITSQ1000LF
SQCB
P90
100% Tin
100 to 1000pF
16
15
KITSQ1300LF
C0G
RoHS
KITSQ1400LF
SQCB
C0G
100% Tin
1000 to 5100 pF
11
15
RoHS


Similar Part No. - SQCB5M100CAJ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB5M100CAT1A AVX-SQCB5M100CAT1A Datasheet
925Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
More results

Similar Description - SQCB5M100CAJ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP1210 ETC2-ATCHP1210 Datasheet
78Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
AVX Corporation
GD AVX-GD_17 Datasheet
107Kb / 1P
   Microwave SLCs
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com