Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3314G-1-103E Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3314G-1-103E
Description  3314 - 4 mm Square Trimpot Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314G-1-103E Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3314G-1-103E Datasheet HTML 1Page - Bourns Electronic Solutions 3314G-1-103E Datasheet HTML 2Page - Bourns Electronic Solutions 3314G-1-103E Datasheet HTML 3Page - Bourns Electronic Solutions 3314G-1-103E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3314 - 4 mm Square Trimpot® Trimming Potentiometer
Product Dimensions
Packaging Specifications
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.54
(0.10)
1.27
(0.50)
1.19
(0.047)
1.29
(0.051)
0.61
(.024)
3.18
(.125)
5.01
(.197)
3.32
(0.131)
0.96
(.038)
5.56
(0.219)
2.54
(0.10)
1.3
(0.051)
3.48
(.137)
2.01
(.079)
2.01
(.079)
2.01
(.079)
RECOMMENDED PCB LAYOUT
0.26
(.010)
0.21
(.008)
5.76
(0.227)
3.08
(0.121)
3314Z-1-(RC) E
(Cross Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-4-(RC) E
(Reverse Marking, Cross Slot)
1
2
3
3314Z-GA4-(RC) E
(Straight Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-3
(Reverse Marking, Straight Slot)
3314Z
Common Dimensions
16.00
(.630)
1.50 + 0.10/-0.0
(0.59 +.004/-.0)
DIA.
MIN.
DIA.
1.50
(.059)
12.00
(.472)
7.5
(.295)
TAPE
1.75
(.069)
2.00 ± 0.10
(.079 ± .004)
5.50 ± 0.10
(.217 ± .004)
5.50 ± 0.10
(.217 ± .004)
4.00 ± 0.10
(.157 ± .004)
5 ° MAX.
MAX.
0.40
(.016)
(Z Style)
177.8 ± 2.03
(7.00 ± .080)
13.0 ± 0.51
(.512 ± .020)
DIA.
1.50
(.059)
20.2
(.795)
22.4
(.882)
50.00
(1.969)
16.4 + 2.0/ -.000
(.646 + .079/ - .000)
(MEASURED AT HUB)
REEL
* Embossed Tape Designator "E"
** Embossed Tape Designator "G"
(See How To Order chart for further information.)
Meets EIA specification 481.
DIA.*
MIN. DIA.
MIN.
MAX.
(MEASURED
AT
HUB)
330.2 ± 2.0
(13.00 ± .079)
DIA.**
5.59 ± 0.10
(.220 ± .004)
EQUAL SPACED 3 PLCS.
MIN.
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
REV. 05/13


Similar Part No. - 3314G-1-103E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314G-1-103E BOURNS-3314G-1-103E Datasheet
404Kb / 2P
   Featured Products Bulletin
More results

Similar Description - 3314G-1-103E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-104E BOURNS-3314J-1-104E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314G-1-203E BOURNS-3314G-1-203E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314Z-1-102E BOURNS-3314Z-1-102E Datasheet
619Kb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314G-1-202E BOURNS-3314G-1-202E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-1-204E BOURNS-3314J-1-204E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314 BOURNS-3314_1 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-101E BOURNS-3314J-1-101E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-103E BOURNS-3314J-1-103E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com