Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C49DRY Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C49DRY
Description  PLATING: SEE PART NUMBER CODING OPERTING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C49DRY Datasheet(HTML) 1 Page - Silicon Laboratories

  C49DRY Datasheet HTML 1Page - Silicon Laboratories C49DRY Datasheet HTML 2Page - Silicon Laboratories C49DRY Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTES:
INSULATOR MATERIAL: SEE PART NUMBER CODING
1.
CONTACT MATERIAL: SEE PART NUMBER CODING
2.
PLATING: SEE PART NUMBER CODING
3.
OPERATING TEMPERATURE: SEE PART NUMBER CODING
4.
PROCESSING TEMP: SEE PART NUMBER CODING
5.
UL FLAMMABILITY RATING: 94V-0
6.
VOLTAGE RATING: 600 VDC MINIMUM AT SEA LEVEL.
7.
CURRENT RATING: 3 AMP PER CONTACT PAIR
8.
VOLTAGE DROP: 30 MILLI VOLT AT RATED CURRENT
9.
INSULATION RESISTANCE: 5000 MEGA OHM
10.
CONNECTOR IDENTIFICATION: THE PART SHALL BE MARKED WITH A PART
11.
NUMBER AND BARCODE
BOARD THICKNESS ACCOMMODATED: .062 .008"
12.
BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062" TEST BLADE.
13.
INTERNAL INSPECTION TO BE PER SULLIN'S WORK INSTRUCTION W17.3-01.
BOARD WITHDRAWAL FORCE: 1 OUNCE MINIMUM PER CONTACT PAIR USING .062" PCB
14.
CONTACT ID
SCALE 2:1
REVISIONS
REV. ECO. NO
DESCRIPTION
DATE
BY
A
1255
INITIAL RELEASE
1/24/2007
MNH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR:
1
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
PARENTHETICAL INFORMATION IS FOR
REFERENCE ONLY
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5-1984
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 1 OF 3
SCALE: 2:1
MNH
C10879
A
THE INFORMATION HEREIN CONTAINS
PROPRIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OFSULLINS ELECTRONICS.
EDGECARD, .100 CC LP
SULLINS
ELECTRONICS
_ _C_ _DRY_
FILE NAME: Z:\Components\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10879, _ _C_ _DRY_ PRINT: 3/2/2007
DESCRIPTION
CUSTOMER COPY
PART NUMBER
F
.265 6.73
INSERTION
DEPTH
.440±.025 11.19±0.64
TAIL LENGTH
.140 3.56
ROW SPACING
C
.245 6.22
.186 4.72
.431 10.95
.025 0.64
A
A
FITS
.043 HOLE
_ _ C _ _ DRYH
SECTION A - A
CONTACT MARKINGS
B 1 2 3 ... 60 B
A 1 2 3 ... 60 A
E
D
B
2X
.125 3.18
CARDSLOT
.075[1.90]
.100 2.54
A
RoHS COMPLIANT


Similar Part No. - C49DRY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C49DRT SILABS-C49DRT Datasheet
570Kb / 3P
   INSULATOR MATERIAL: SEEPART NUMBER CODING
C49DRX SILABS-C49DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
More results

Similar Description - C49DRY

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
logo
Amphenol Corporation
P-UE78-BX127-00XX1 AMPHENOL-P-UE78-BX127-00XX1 Datasheet
394Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
List of Unclassifed Man...
N30E930000L ETC2-N30E930000L Datasheet
91Kb / 1P
   PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com