Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08056104JAZ4A Datasheet(PDF) 6 Page - AVX Corporation

Part # 08056104JAZ4A
Description  MLCC with FLEXITERM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08056104JAZ4A Datasheet(HTML) 6 Page - AVX Corporation

  08056104JAZ4A Datasheet HTML 1Page - AVX Corporation 08056104JAZ4A Datasheet HTML 2Page - AVX Corporation 08056104JAZ4A Datasheet HTML 3Page - AVX Corporation 08056104JAZ4A Datasheet HTML 4Page - AVX Corporation 08056104JAZ4A Datasheet HTML 5Page - AVX Corporation 08056104JAZ4A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
AVX:
06031C472J4Z2A 12061C562JAZ2A 0805ZC561JAZ2A 18121C225KAZ9A 06035C182M4Z2A 08052C153MAZ2A
18125C475KAZ2A 06035C472JAZ2A 06031C102JAZ2A 0805ZC273JAZ2A 06033C152JAZ2A 08051C222K4Z4A
12103C105ZAZ2A 12103C475KAZ2A 06035C152JAZ2A 12105C474K4Z4A 08055C122JAZ2A 0603YC223KAZ2A
18125C475K4Z2A 1206YC274JAZ2A 08051C104K4Z2A 06033C103KAZ2A 08055C272J4Z2A 08051C222JAZ2A
08056C561JAZ2A 0603YC332JAZ2A 08051C473KAZ2A 12065C105KAZ2A 06035C103K4Z4A 06035C273J4Z4A
12063C103K4Z4A 08055C102M4Z2A 12063C473JAZ2A 08056C224MAZ2A 06031C391JAZ2A 12063C684KAZ2A
08053C393JAZ2A 08055C471JAZ2A 12065C122JAZ2A 08051C682KAZ2A 06035C473J4Z4A 08055C273KAZ2A
06035C333JAZ2A 08055C392JAZ2A 12101C563MAZ2A 12101C103KAZ2A 12101C683MAZ2A 0603YC563JAZ2A
08053C122JAZ2A 0603YC222JAZ2A 08055C224KAZ2A 12061C103KAZ2A 08051C222K4Z2A 0805YC104KAZ2A
06031C472KAZ2A 08056C223JAZ2A 1206YC392JAZ2A 0603YC391JAZ2A 12061C563MAZ2A 12105C225M4Z2A
0805ZC562JAZ2A 0805ZC153JAZ2A 06031C472K4Z4A 08055C222JAZ2A 12101C473KAZ2A 06031C152KAZ2A
08055C182K4Z2A 0805YC103KA79A 0805YC684K4Z2A 0805ZC683JAZ2A 12061C103MAZ2A 08053C472JAZ2A
12065C393JAZ2A 18121C105MAZ2A 06031C471JAZ2A 06033C392JAZ2A 06032C471K4T2A 12103C683KAZ2A
12065C124MAZ2A 12101C684ZAZ2A 08051C102K4Z2A 06031C392JAZ2A 06031C681J4Z2A 08055C474KAZ2A
12063C105K4Z2A 0603YC392JAZ2A 08055C102JAZ2A 12065C333KAZ2A 12063C183JAZ2A 08051C103K4Z4A
08051C561K4Z2A 06033C183JAZ2A 06035C471K4Z4A 12061C122JAZ2A 0805ZC222JAZ2A 18125C105K4Z2A
08056C105KAZ2A 12061C104K4Z2A 12105C225K4Z2A 0805ZC184MAZ2A


Similar Part No. - 08056104JAZ4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08056101BA72A AVX-08056101BA72A Datasheet
134Kb / 4P
   General Specifications
08056101BA74A AVX-08056101BA74A Datasheet
134Kb / 4P
   General Specifications
08056101BAT2A AVX-08056101BAT2A Datasheet
134Kb / 4P
   General Specifications
08056101BAT4A AVX-08056101BAT4A Datasheet
134Kb / 4P
   General Specifications
08056101CA72A AVX-08056101CA72A Datasheet
134Kb / 4P
   General Specifications
More results

Similar Description - 08056104JAZ4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
logo
Kyocera Kinseki Corpota...
08055C104KAZ2A KSS-08055C104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225KAZ2A AVX-12101C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
1206CC103KAZ1A AVX-1206CC103KAZ1A Datasheet
57Kb / 2P
   High Voltage MLC Chips FLEXITERM
logo
Kyocera Kinseki Corpota...
HV-FLEXITERMMLCC KSS-HV-FLEXITERMMLCC Datasheet
553Kb / 5P
   FLEXITERM® - 600V to 5000V Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com