Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC175SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC175SJ
Description  Quad D-Type Flip-Flop With Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC175SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC175SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC175SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD=CPD VCC
2f
+I
CC VCC, and the no load dynamic current consumption,
IS=CPD VCC f+ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
60
35
MHz
Frequency
tPHL, tPLH
Maximum Propagation
15
25
ns
Delay, Clock to Q or Q
tPHL, tPLH
Maximum Propagation
13
21
ns
Delay, Reset to Q or Q
tREC
Minimum Removal
20
ns
Time, Clear to Clock
tS
Minimum Setup Time, Data to Clock
20
ns
tH
Minimum Hold Time, Data from Clock
0
ns
tW
Minimum Pulse Width, Clock or Clear
10
16
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
2.0V
12
6
5
4
MHz
Frequency
4.5V
60
30
24
20
MHz
6.0V
70
35
28
24
MHz
tPHL, tPLH Maximum Propagation
2.0V
80
150
190
225
ns
Delay, Clock to Q or Q
4.5V
15
30
38
45
ns
6.0V
13
26
32
38
ns
tPHL, tPLH Maximum Propagation
2.0V
64
125
158
186
ns
Delay, Reset to Q or Q
4.5V
14
25
32
37
ns
6.0V
12
21
27
32
ns
tREM
Minimum Removal Time
2.0V
100
125
150
ns
Clear to Clock
4.5V
20
25
30
ns
6.0V
17
21
25
ns
tS
Minimum Setup Time
2.0V
100
125
150
ns
Data to Clock
4.5V
20
25
30
ns
6.0V
17
21
25
ns
tH
Minimum Hold Time
2.0V
0
0
0
ns
Data from Clock
4.5V
0
0
0
ns
6.0V
0
0
0
ns
tW
Minimum Pulse Width
2.0V
30
80
100
120
ns
Clear or Clock
4.5V
9
16
20
24
ns
6.0V
8
14
17
20
ns
tr, tf
Maximum Input Rise and
2.0V
1000
1000
1000
ns
Fall Time
4.5V
500
500
500
ns
6.0V
400
400
400
ns
tTLH, tTHL Maximum
2.0V
30
75
95
110
ns
Output Rise and
4.5V
9
15
19
22
ns
Fall Time
6.0V
8
13
16
19
ns
CPD
Power Dissipation
(per package)
150
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC175SJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC175SJ ONSEMI-MM74HC175SJ Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results

Similar Description - MM74HC175SJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com