Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC175M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC175M
Description  Quad D-Type Flip-Flop With Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC175M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC175M Datasheet HTML 1Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 2Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 3Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 4Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 5Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 6Page - Fairchild Semiconductor MM74HC175M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005319.prf
www.fairchildsemi.com
MM74HC175
Quad D-Type Flip-Flop With Clear
General Description
The MM74HC175 high speed D-type flip-flop with comple-
mentary outputs utilizes advanced silicon-gate CMOS
technology to achieve the high noise immunity and low
power consumption of standard CMOS integrated circuits,
along with the ability to drive 10 LS-TTL loads.
Information at the D inputs of the MM74HC175 is trans-
ferred to the Q and Q outputs on the positive going edge of
the clock pulse. Both true and complement outputs from
each flip flop are externally available. All four flip-flops are
controlled by a common clock and a common CLEAR.
Clearing is accomplished by a negative pulse at the
CLEAR input. All four Q outputs are cleared to a logical “0”
and all four Q outputs to a logical “1.”
The 74HC logic family is functionally as well as pin-out
compatible with the standard 74LS logic family. All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground.
Features
s Typical propagation delay: 15 ns
s Wide operating supply voltage range: 2–6V
s Low input current: 1
µA maximum
s Low quiescent supply current: 80
µA maximum (74HC)
s High output drive current: 4 mA minimum (74HC)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
(Each Flip-Flop)
H
= HIGH Level (steady state)
L
= LOW Level (steady state)
X
= Irrelevant
↑ = Transition from LOW-to-HIGH level
Q0 = The level of Q before the indicated steady-state input conditions were
established
Order Number
Package Number
Package Description
MM74HC175M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC175MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC175N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Outputs
Clear
Clock
D
Q
Q
LX
X
L
H
H
HH
L
H
LL
H
HL
X
Q0
Q0


Similar Part No. - MM74HC175M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC175M ONSEMI-MM74HC175M Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
MM74HC175MTC ONSEMI-MM74HC175MTC Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results

Similar Description - MM74HC175M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com