Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F346-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F346-GM
Description  On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F346-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F346-GM Datasheet HTML 6Page - Silicon Laboratories C8051F346-GM Datasheet HTML 7Page - Silicon Laboratories C8051F346-GM Datasheet HTML 8Page - Silicon Laboratories C8051F346-GM Datasheet HTML 9Page - Silicon Laboratories C8051F346-GM Datasheet HTML 10Page - Silicon Laboratories C8051F346-GM Datasheet HTML 11Page - Silicon Laboratories C8051F346-GM Datasheet HTML 12Page - Silicon Laboratories C8051F346-GM Datasheet HTML 13Page - Silicon Laboratories C8051F346-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 276 page
background image
C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D
10
Rev. 1.3
Figure 19.1. UART1 Block Diagram ....................................................................... 213
Figure 19.2. UART1 Timing Without Parity or Extra Bit.......................................... 215
Figure 19.3. UART1 Timing With Parity ................................................................. 215
Figure 19.4. UART1 Timing With Extra Bit ............................................................. 215
Figure 19.5. Typical UART Interconnect Diagram.................................................. 216
Figure 19.6. UART Multi-Processor Mode Interconnect Diagram .......................... 218
20. Enhanced Serial Peripheral Interface (SPI0)
Figure 20.1. SPI Block Diagram ............................................................................. 222
Figure 20.2. Multiple-Master Mode Connection Diagram ....................................... 225
Figure 20.3. 3-Wire Single Master and Slave Mode Connection Diagram ............. 225
Figure 20.4. 4-Wire Single Master Mode and Slave Mode Connection Diagram ... 225
Figure 20.5. Master Mode Data/Clock Timing ........................................................ 227
Figure 20.6. Slave Mode Data/Clock Timing (CKPHA = 0) .................................... 228
Figure 20.7. Slave Mode Data/Clock Timing (CKPHA = 1) .................................... 228
Figure 20.8. SPI Master Timing (CKPHA = 0)........................................................ 232
Figure 20.9. SPI Master Timing (CKPHA = 1)........................................................ 232
Figure 20.10. SPI Slave Timing (CKPHA = 0)........................................................ 233
Figure 20.11. SPI Slave Timing (CKPHA = 1)........................................................ 233
21. Timers
Figure 21.1. T0 Mode 0 Block Diagram.................................................................. 236
Figure 21.2. T0 Mode 2 Block Diagram.................................................................. 237
Figure 21.3. T0 Mode 3 Block Diagram.................................................................. 238
Figure 21.4. Timer 2 16-Bit Mode Block Diagram .................................................. 243
Figure 21.5. Timer 2 8-Bit Mode Block Diagram .................................................... 244
Figure 21.6. Timer 2 Capture Mode (T2SPLIT = ‘0’) .............................................. 245
Figure 21.7. Timer 2 Capture Mode (T2SPLIT = ‘1’) .............................................. 246
Figure 21.8. Timer 3 16-Bit Mode Block Diagram .................................................. 249
Figure 21.9. Timer 3 8-Bit Mode Block Diagram .................................................... 250
Figure 21.10. Timer 3 Capture Mode (T3SPLIT = ‘0’) ............................................ 251
Figure 21.11. Timer 3 Capture Mode (T3SPLIT = ‘1’) ............................................ 252
22. Programmable Counter Array (PCA0)
Figure 22.1. PCA Block Diagram............................................................................ 255
Figure 22.2. PCA Counter/Timer Block Diagram.................................................... 256
Figure 22.3. PCA Interrupt Block Diagram ............................................................. 257
Figure 22.4. PCA Capture Mode Diagram.............................................................. 258
Figure 22.5. PCA Software Timer Mode Diagram .................................................. 259
Figure 22.6. PCA High Speed Output Mode Diagram............................................ 260
Figure 22.7. PCA Frequency Output Mode ............................................................ 261
Figure 22.8. PCA 8-Bit PWM Mode Diagram ......................................................... 262
Figure 22.9. PCA 16-Bit PWM Mode...................................................................... 263
Figure 22.10. PCA Module 4 with Watchdog Timer Enabled ................................. 264
23. C2 Interface
Figure 23.1. Typical C2 Pin Sharing....................................................................... 273


Similar Part No. - C8051F346-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F346-GQ ETC1-C8051F346-GQ Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F346-GQ SILABS-C8051F346-GQ Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
More results

Similar Description - C8051F346-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320 Datasheet
399Kb / 2P
   On-chip debug circuity gacilitates full speed, non-intrusive in-system debug (no emulator required)
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
   Debug connector
July 2015 Rev 1
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
   STM32 microcontroller debug toolbox
June 2017 Rev 2
logo
Future Technology Devic...
VNC2 FTDI-VNC2 Datasheet
590Kb / 16P
   VNC2 Debug Module
logo
Microchip Technology
AC162059 MICROCHIP-AC162059 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
logo
Dialog Semiconductor
SLG46827-A DIALOG-SLG46827-A Datasheet
2Mb / 180P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
logo
Renesas Technology Corp
SLG46827-A RENESAS-SLG46827-A Datasheet
4Mb / 182P
   Auto Grade GreenPAK Programmable Mixed-Signal Matrix with In-System Debug
15-Aug-2022
logo
List of Unclassifed Man...
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com