Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210ZD107MAT9A Datasheet(PDF) 2 Page - AVX Corporation

Part # 1210ZD107MAT9A
Description  X5R Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1210ZD107MAT9A Datasheet(HTML) 2 Page - AVX Corporation

  1210ZD107MAT9A Datasheet HTML 1Page - AVX Corporation 1210ZD107MAT9A Datasheet HTML 2Page - AVX Corporation 1210ZD107MAT9A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
25
X5R Dielectric
Specifications and Test Methods
Parameter/Test
X5R Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +85ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
≤ 2.5% for ≥ 50V DC rating
Freq.: 1.0 kHz ± 10%
Dissipation Factor
≤ 3.0% for 25V DC rating
Voltage: 1.0Vrms ± .2V
≤ 12.5% Max. for 16V DC rating and lower
For Cap > 10 μF, 0.5Vrms @ 120Hz
Contact Factory for DF by PN
Insulation Resistance
10,000MΩ or 500MΩ - μF,
Charge device with rated voltage for
whichever is less
120 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
≤ ±12%
Flexure
Dissipation
Meets Initial Values (As Above)
Stresses
Factor
Insulation
≥ Initial Value x 0.3
Resistance
Solderability
≥ 95% of each terminal should be covered
Dip device in eutectic solder at 230 ± 5ºC
with fresh solder
for 5.0 ± 0.5 seconds
Appearance
No defects, <25% leaching of either end terminal
Capacitance
Variation
≤ ±7.5%
Dip device in eutectic solder at 260ºC for 60
Dissipation
Meets Initial Values (As Above)
seconds. Store at room temperature for 24 ± 2
Resistance to
Factor
hours before measuring electrical properties.
Solder Heat
Insulation
Meets Initial Values (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Step 1: -55ºC ± 2º
30 ± 3 minutes
Capacitance
Variation
≤ ±7.5%
Step 2: Room Temp
≤ 3 minutes
Dissipation
Meets Initial Values (As Above)
Step 3: +85ºC ± 2º
30 ± 3 minutes
Thermal
Factor
Shock
Insulation
Meets Initial Values (As Above)
Step 4: Room Temp
≤ 3 minutes
Resistance
Dielectric
Meets Initial Values (As Above)
Repeat for 5 cycles and measure after
Strength
24 ± 2 hours at room temperature
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Dissipation
≤ Initial Value x 2.0 (See Above)
Load Life
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Load
Dissipation
≤ Initial Value x 2.0 (See Above)
Humidity
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Charge device with 1.5X rated voltage in
test chamber set at 85ºC ± 2ºC for 1000 hours
(+48, -0). Note: Contact factory for *optional
specification part numbers that are tested at
< 1.5X rated voltage.
Remove from test chamber and stabilize
at room temperature for 24 ± 2 hours
before measuring.
Store in a test chamber set at 85ºC ± 2ºC/
85% ± 5% relative humidity for 1000 hours
(+48, -0) with rated voltage applied.
Remove from chamber and stabilize at
room temperature and humidity for
24 ± 2 hours before measuring.
1mm/sec
90 mm


Similar Part No. - 1210ZD107MAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210ZD107MAT9A AVX-1210ZD107MAT9A Datasheet
69Kb / 3P
   Dielectric General Specifications
1210ZD107MAT9A AVX-1210ZD107MAT9A Datasheet
85Kb / 3P
   X5R Dielectric General Specifications
1210ZD107MAT9A AVX-1210ZD107MAT9A Datasheet
85Kb / 3P
   X5R Dielectric General Specifications
1210ZD107MAT9A AVX-1210ZD107MAT9A Datasheet
85Kb / 3P
   General Specifications
1210ZD107MAT9A AVX-1210ZD107MAT9A Datasheet
70Kb / 3P
   General Specifications
More results

Similar Description - 1210ZD107MAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZD104KAT2A AVX-0805ZD104KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04024D225MAT2A AVX-04024D225MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04026D100JAT2A AVX-04026D100JAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04026D105KAT2A AVX-04026D105KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
06033D105MAT2A AVX-06033D105MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04026D104KAT2A AVX-04026D104KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D104MAT2A AVX-04023D104MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D153KAT2A AVX-04023D153KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D223KAT2A AVX-04023D223KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04024D105KAT2A AVX-04024D105KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
0805YD106MAT2A AVX-0805YD106MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com