Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLP6045LT-1R5N Datasheet(PDF) 3 Page - TDK Electronics

Part # VLP6045LT-1R5N
Description  Inductors for Power Circuits Wound Ferrite VLPseries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLP6045LT-1R5N Datasheet(HTML) 3 Page - TDK Electronics

  VLP6045LT-1R5N Datasheet HTML 1Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 2Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 3Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 4Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 5Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 6Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 7Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 8Page - TDK Electronics VLP6045LT-1R5N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(2/12)
INDUC
T
O
RS
001-01 / 20130516 / e531_vlp.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Magnetic shield construction with ferrite resin material.
APPLICATION
Thin-screen TVs, printers, laptop computers, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the VLP Series
VLP
6045
L
T
-
1R0
N
Series name
L×W×H Dimensions
internal code
Packaging style
Inductance
Inductance
tolerance
(mm max.)
(µH)
6045
6.8×6.8×4.5
T
Taping
1R0
1.0
M
±20%
8040
8.6×8.7×4.0
100
10
N
±30%
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
VLP6045L
–40 to +105
–40 to +105
1000
536
VLP8040
–40 to +105
–40 to +105
1000
840
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - VLP6045LT-1R5N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045LT-1R5N TDK-VLP6045LT-1R5N Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
VLP6045LT-1R5N TDK-VLP6045LT-1R5N Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLP6045LT-1R5N TDK-VLP6045LT-1R5N Datasheet
1Mb / 14P
   Inductors for Power Circuits
VLP6045LT-1R5N TDK-VLP6045LT-1R5N Datasheet
119Kb / 9P
   Wound Ferrite
More results

Similar Description - VLP6045LT-1R5N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045L TDK-VLP6045L Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com