Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-683P8-BLKG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-683P8-BLKG
Description  Low Noise And High Linearity Active Bias Low Noise Amplifi er
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-683P8-BLKG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-683P8-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 11. Input Return Loss, Output Return Loss, Gain, Reverse Isolation vs
Frequency
Figure 12. K-factor vs Frequency vs Temperature
Figure 15. Idd vs Rbias
-40
-30
-20
-10
0
10
20
30
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
02
468
10
12
14
16
1820
Frequency (GHz)
Rev Isol
IRL
ORL
Gain
-40° C
25° C
85° C
20
30
40
50
60
70
80
6
7
8
910
11
12
13
14
15
16
17
18
Rbias (Kohm)
-40
35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
Frequency (MHz)
-40°C
25°C
85°C
-20
-15
-10
-5
0
0
500
1000
1500
2000
Frequency (MHz)
-40°C
25°C
85°C
Figure 13. Input Return Loss vs Frequency vs Temperature
Figure 14. Output Return Loss vs Frequency vs Temperature


Similar Part No. - MGA-683P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-683P8 BOARDCOM-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-683P8 AVAGO-MGA-683P8_15 Datasheet
143Kb / 11P
   Low Noise Amplifier
More results

Similar Description - MGA-683P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-683P8 BOARDCOM-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
DEMO-MGA-68XP8 BOARDCOM-DEMO-MGA-68XP8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com