Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT2202SVM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MCT2202SVM
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2202SVM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MCT2202SVM Datasheet HTML 1Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 2Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 3Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 4Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 5Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 6Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 7Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 8Page - Fairchild Semiconductor MCT2202SVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6/15/05
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
Page 2 of 15
© 2005 Fairchild Semiconductor Corporation
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
ALL
-55 to +150
°C
Operating Temperature
TOPR
ALL
-55 to +100
°C
Lead Solder Temperature
TSOL
ALL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
-M
250
mW
Non-M
260
Derate above 25°C
-M
2.94
mW/°C
Non-M
3.3
EMITTER
DC/Average Forward Input Current
IF
-M
60
mA
Non-M
100
Reverse Input Voltage
VR
ALL
3
V
Forward Current - Peak (300µs, 2% Duty Cycle)
IF(pk)
ALL
3
A
LED Power Dissipation @ TA = 25°C
PD
-M
120
mW
Non-M
150
Derate above 25°C
-M
1.41
mW/°C
Non-M
2.0
DETECTOR
Collector Current
IC
ALL
50
mA
Collector-Emitter Voltage
VCEO
ALL
30
V
Detector Power Dissipation @ TA = 25°C
PD
ALL
150
mW
Derate above 25°C
-M
1.76
mW/°C
Non-M
2.0


Similar Part No. - MCT2202SVM

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2202 QT-MCT2202 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
MCT2202 ISOCOM-MCT2202 Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2202 ISOCOM-MCT2202 Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2202X ISOCOM-MCT2202X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2202X ISOCOM-MCT2202X Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2202SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com