Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008380014001010 Datasheet(PDF) 1 Page - AVX Corporation

Part # 008380014001010
Description  Low Profile Box Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008380014001010 Datasheet(HTML) 1 Page - AVX Corporation

  008380014001010 Datasheet HTML 1Page - AVX Corporation 008380014001010 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
00
Connector Code
Prefix
00 = Standard
Connector
Assembly
8380
Series Number
050
Number of
Contacts
010 = 10 position
014 = 14 position
016 = 16 position
020 = 20 position
026 = 26 position
034 = 34 position
040 = 40 position
050 = 50 position
060 = 60 position
064 = 64 position
000
01
Plating Variation
01 = 30µ" Gold over
Nickel solder
04 = 10µ" Gold
over Nickel
X
Polarization
0 = No Polarizing
Keys
Standard
2 = Type B -
Dual Height
molded in
polarizing
key(s)
ORDERING CODE
NB: Additional plating and tail lengths are available.
Consult sales office for availability.
Low Profile Box Header
Series 8380
Low profile box headers are available in industry standard
sizes of 10-64 positions. They mate to AVX Series 8290
IDC sockets, as well as other industry compatible connec-
tors. Both straight and right angle solder dip pins for
PC boards are available together with straight press-fit
versions. The connector is shrouded on all four sides for
polarization and contact protection. Polarizing keys are
molded in for correct socket alignment with contact loss.
Material:
Molding - UL94VO rated glass filled grey
polyester
Contact - Brass
Contact Plating:
Selective gold over nickel plating on
the mating face, pure tin on
IDC section
Current Rating:
1 ampere at 70ºC maximum ambient
Voltage Rating:
350V DC or AC peak
Contact Resistance:
Initially 10 milliohms maximum
Dielectric Withstanding Voltage:
>1050 DC or AC peak
Insulation Resistance:
>1000 megohms
Operating Temperature:
-55ºC to +105ºC
UL File No. E90723
CSA File No. 1255749
Contact Variation
000 = Solder Tail Straight Contact
for 1.6mm PCB - Contact
Length (2.8mm)
001 = Solder Tail Straight Contact
for 2.4mm PCB - Contact
Length (3.6mm)
002 = Solder Tail Right Angle
Contact for 1.6mm PCB -
Contact Length (2.8mm)
003 = Solder Tail Right Angle
Contact for 2.6mm PCB -
Contact Length (3.6mm)
009 = Press-Fit Contact for 2.4/3.2
PCB - Contact Length
(4.5mm)
TECHNICAL SPECIFICATION


Similar Part No. - 008380014001010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008380010000010 AVX-008380010000010 Datasheet
51Kb / 2P
   UL94VO rated glass filled grey polyester
More results

Similar Description - 008380014001010

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
140G105XO-0000 GLENAIR-140G105XO-0000 Datasheet
341Kb / 2P
   Medium Low-Profile Junction Box
logo
Adam Technologies, Inc.
BHR-XX-VUA-30 ADAM-TECH-BHR-XX-VUA-30 Datasheet
121Kb / 1P
   BOX HEADER
BHR-XX-VUA-ML ADAM-TECH-BHR-XX-VUA-ML Datasheet
89Kb / 1P
   BOX HEADER
BHR-XX-VUA-ML-HT ADAM-TECH-BHR-XX-VUA-ML-HT Datasheet
88Kb / 1P
   BOX HEADER
BHRE-XX-VSG-165-765-10 ADAM-TECH-BHRE-XX-VSG-165-765-10 Datasheet
81Kb / 1P
   BOX HEADER
BHR-XX-HSGA ADAM-TECH-BHR-XX-HSGA Datasheet
85Kb / 1P
   BOX HEADER
BHR-XX-HUA ADAM-TECH-BHR-XX-HUA Datasheet
83Kb / 1P
   BOX HEADER
BHR-XX-VSGA-SMT ADAM-TECH-BHR-XX-VSGA-SMT Datasheet
89Kb / 1P
   BOX HEADER
BHR-XX-VTA ADAM-TECH-BHR-XX-VTA Datasheet
82Kb / 1P
   BOX HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com