Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F920-F-GQ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F920-F-GQ
Description  Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks
Download  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F920-F-GQ Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F920-F-GQ Datasheet HTML 1Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 2Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 3Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 4Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 5Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 6Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 7Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 8Page - Silicon Laboratories C8051F920-F-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 330 page
background image
Single/Dual Battery, 0.9–3.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F93x-C8051F92x
Rev. 1.3 5/12
Copyright © 2012 by Silicon Laboratories
C8051F93x-C8051F92x
Supply Voltage 0.9 to 3.6 V
-
One-Cell Mode supports 0.9 to 1.8 V operation
-
Two-Cell Mode supports 1.8 to 3.6 V operation
-
Built-in dc-dc converter with 1.8 to 3.3 V output for
use in one-cell mode
-
Built-in LDO regulator allows a high analog supply
voltage and low digital core voltage
-
2 built in supply monitors (brownout detectors)
10-Bit Analog to Digital Converter
-
±1 LSB INL; no missing codes
-
Programmable throughput up to 300 ksps
-
Up to 23 external inputs
-
On-Chip Voltage Reference
-
On-Chip PGA allows measuring voltages up to twice
the reference voltage
-
16-bit Auto-Averaging Accumulator with Burst Mode
provides increased ADC resolution
-
Data dependent windowed interrupt generator
-
Built-in temperature sensor
Two Comparators
-
Programmable hysteresis and response time
-
Configurable as wake-up or reset source
-
Up to 23 Capacitive Touch Sense Inputs
6-Bit Programmable Current Reference
-
Up to ±500 µA. Can be used as a bias or for
generating a custom reference voltage
On-Chip Debug
-
On-chip debug circuitry facilitates full-speed, non-
intrusive in-system debug (no emulator required)
-
Provides breakpoints, single stepping
-
Inspect/modify memory and registers
-
Complete development kit
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
4352 bytes internal data RAM (256 + 4096)
-
64 kB (‘F93x) or 32 kB (‘F92x) Flash; In-system pro-
grammable in 1024-byte sectors—1024 bytes are
reserved in the 64 kB devices
Digital Peripherals
-
24 or 16 port I/O; All 5 V tolerant with high sink
current and programmable drive strength-Hardware
SMBus™ (I2C™ Compatible), 2 x SPI™, and UART
serial ports available concurrently
-
Four general purpose 16-bit counter/timers
-
Programmable 16-bit counter/timer array with six
capture/compare modules and watchdog timer
-
Hardware SmaRTClock operates down to 0.9 V and
requires less than 0.5 µA supply current
Clock Sources
-
Internal oscillators: 24.5 MHz, 2% accuracy
supports UART operation; 20 MHz low power
oscillator requires very little bias current
-
External oscillator: Crystal, RC, C, or CMOS Clock
-
SmaRTClock oscillator: 32 kHz Crystal or internal
self-oscillate mode
-
Can switch between clock sources on-the-fly; useful
in implementing various power saving modes
Packages
-
32-pin QFN (5 x 5 mm)
-
24-pin QFN (4 x 4 mm)
-
32-pin LQFP (7 x 7 mm, easy to hand-solder)
Temperature Range: –40 to +85 °C
ANALOG
PERIPHERALS
10-bit
300 ksps
ADC
64/32 kB
ISP FLASH
4352 B
SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(25 MIPS)
TEMP
SENSOR
DIGITAL I/O
24.5 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATORS
+
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
2 x SPI
IREF
Port 1
Port 2
+
VREG
20 MHz LOW POWER
INTERNAL OSCILLATOR
VREF
CRC
HARDWARE SmaRTClock
External Oscillator


Similar Part No. - C8051F920-F-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F920-G-GM SILABS-C8051F920-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F920-G-GQ SILABS-C8051F920-G-GQ Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F920-GM SILABS-C8051F920-GM Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F920-GQ SILABS-C8051F920-GQ Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
More results

Similar Description - C8051F920-F-GQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
logo
PANDUIT CORP.
D-436-0115 PANDUIT-D-436-0115 Datasheet
104Kb / 1P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
logo
Cypress Semiconductor
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
   Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com