Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X5R1E476M Datasheet(PDF) 11 Page - TDK Electronics

Part # C3216X5R1E476M
Description  TDK MLCC PRODUCT LINE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X5R1E476M Datasheet(HTML) 11 Page - TDK Electronics

Back Button C3216X5R1E476M Datasheet HTML 7Page - TDK Electronics C3216X5R1E476M Datasheet HTML 8Page - TDK Electronics C3216X5R1E476M Datasheet HTML 9Page - TDK Electronics C3216X5R1E476M Datasheet HTML 10Page - TDK Electronics C3216X5R1E476M Datasheet HTML 11Page - TDK Electronics C3216X5R1E476M Datasheet HTML 12Page - TDK Electronics C3216X5R1E476M Datasheet HTML 13Page - TDK Electronics C3216X5R1E476M Datasheet HTML 14Page - TDK Electronics C3216X5R1E476M Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
©TDK Corporation of America – Contents are subject to change without notice.
10
C SERIES | General Application / Y5V
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
CGJ5
C3216/CC1206
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
Capacitance
(pF)
Cap
Code
C0603
0201
C1005
0402
C1608
0603
C2012
0805
C3216
1206
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
10,000
103
100,000
104
220,000
224
470,000
474
1,000,000
105
2,200,000
225
4,700,000
475
10,000,000
106
22,000,000
226
47,000,000
476
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
Capacitance
(pF)
Cap
Code
C3225
1210
C4532
1812
C5750
2220
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
4,700,000
475
10,000,000
106
22,000,000
226
47,000,000
476
100,000,000
107
Y5V


Similar Part No. - C3216X5R1E476M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1E476M TDK-C3216X5R1E476M Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
C3216X5R1E476M160AC TDK-C3216X5R1E476M160AC Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X5R1E476M160AC TDK-C3216X5R1E476M160AC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3216X5R1E476M160AC TDK-C3216X5R1E476M160AC_17 Datasheet
231Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X5R1E476M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R0J475K TDK-C1005X5R0J475K Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
C3225X7S1H106M TDK-C3225X7S1H106M Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA105C104K4R AVX-AA105C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Tyco Electronics
180351-8 MACOM-180351-8 Datasheet
649Kb / 15P
   FASTIN-FASTON Product Line
logo
Renesas Technology Corp
SLG7TD43741 RENESAS-SLG7TD43741 Datasheet
2Mb / 16P
   TDK Power Strip Sequencer 1
June 21, 2022
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
   OUTLINE DWG SGC3 PRODUCT LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com