Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04712.50PAT1L Datasheet(PDF) 1 Page - Littelfuse

Part # 04712.50PAT1L
Description  Axial Lead and Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04712.50PAT1L Datasheet(HTML) 1 Page - Littelfuse

  04712.50PAT1L Datasheet HTML 1Page - Littelfuse 04712.50PAT1L Datasheet HTML 2Page - Littelfuse 04712.50PAT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
211
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
471 Series
Please refer to www.littelfuse.com/series/471.html for current information.
PICO® ll > Time-Lag > 471 Series
471 Series, PICO® II,Time-Lag Fuse
Description
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
500mA - 5A
LR 29862
500mA - 2.5A
PS
E
JET 1896-31007-1001
1A - 5A
Features
Electrical Characteristics
Applications
% of Ampere
Rating
OpeningTime
100%
Min.
200%
Max.
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage
Drop
(mV)
Agency Approvals
PS
E
.500
.500
125
0.189
0.159
XX
1.00
001.
125
0.085
0.722
XXX
1.50
01.5
125
0.054
1.610
XXX
2.00
002.
125
0.039
2.500
XXX
2.50
02.5
125
0.030
4.390
XXX
3.00
003.
125
0.023
6.960
XX
4.00
004.
125
0.012
10.600
XX
5.00
005.
125
0.008
15.400
XX
Electrical Characteristics
®
PS
E
Revised: July 27, 2011


Similar Part No. - 04712.50PAT1L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0471281002 MOLEX-0471281002 Datasheet
400Kb / 7P
   SERIAL ATA BACKPLANE CONNECTOR 1.27mm PITCH
2016/04/28
More results

Similar Description - 04712.50PAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com