Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F58X Datasheet(PDF) 8 Page - Silicon Laboratories

Part # C8051F58X
Description  Programmable hysteresis and response time Configurble as interrupt or reset source Low current
Download  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F58X Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button C8051F58X Datasheet HTML 4Page - Silicon Laboratories C8051F58X Datasheet HTML 5Page - Silicon Laboratories C8051F58X Datasheet HTML 6Page - Silicon Laboratories C8051F58X Datasheet HTML 7Page - Silicon Laboratories C8051F58X Datasheet HTML 8Page - Silicon Laboratories C8051F58X Datasheet HTML 9Page - Silicon Laboratories C8051F58X Datasheet HTML 10Page - Silicon Laboratories C8051F58X Datasheet HTML 11Page - Silicon Laboratories C8051F58X Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 356 page
background image
C8051F58x/F59x
8
Rev. 1.2
28.4. Watchdog Timer Mode .................................................................................. 322
28.4.1. Watchdog Timer Operation ................................................................... 322
28.4.2. Watchdog Timer Usage ........................................................................ 323
28.5. Register Descriptions for PCA0..................................................................... 325
29. Programmable Counter Array 1 (PCA1)............................................................. 331
29.1. PCA1 Counter/Timer ..................................................................................... 332
29.2. PCA1 Interrupt Sources................................................................................. 333
29.3. Capture/Compare Modules ........................................................................... 334
29.3.1. Edge-triggered Capture Mode............................................................... 335
29.3.2. Software Timer (Compare) Mode.......................................................... 336
29.3.3. High-Speed Output Mode ..................................................................... 337
29.3.4. Frequency Output Mode ....................................................................... 338
29.3.5. 8-bit, 9-bit, 10-bit and 11-bit Pulse Width Modulator Modes ................. 339
29.3.5.1. 8-bit Pulse Width Modulator Mode................................................ 339
29.3.5.2. 9/10/11-bit Pulse Width Modulator Mode...................................... 341
29.3.6. 16-Bit Pulse Width Modulator Mode...................................................... 342
29.4. Register Descriptions for PCA1..................................................................... 343
30. C2 Interface .......................................................................................................... 349
30.1. C2 Interface Registers................................................................................... 349
30.2. C2 Pin Sharing .............................................................................................. 353
Document Change List ............................................................................................. 354
Contact Information .................................................................................................. 356


Similar Part No. - C8051F58X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F580-AM SILABS-C8051F580-AM Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F580-AMR SILABS-C8051F580-AMR Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F580-AQ SILABS-C8051F580-AQ Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F580-AQR SILABS-C8051F580-AQR Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F580-IM SILABS-C8051F580-IM Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F58X

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com