Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04713.00PRT1L Datasheet(PDF) 3 Page - Littelfuse

Part # 04713.00PRT1L
Description  Axial Lead and Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04713.00PRT1L Datasheet(HTML) 3 Page - Littelfuse

  04713.00PRT1L Datasheet HTML 1Page - Littelfuse 04713.00PRT1L Datasheet HTML 2Page - Littelfuse 04713.00PRT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
213
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
471 Series
Please refer to www.littelfuse.com/series/471.html for current information.
PICO® ll > Time-Lag > 471 Series
Materials
Flammability
Rating
Solderability
Lead Pull Force
Product Characteristics
Operating Temperature
Shock
Vibration
Moisture Resistance
Resistance to Soldering
Heat
Dimensions
F
L
1A
1A
T
1A
T
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
0.64 (.025")
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
2.8 (.110")
MAX
F
L 1A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
0.64 (.025")
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
2.8 (.110")
MAX
471 Series (RoHS Version) Markings
471 Series (RoHS and Halogen-free Version) Markings
Part Numbering System
0471 xxxx N R T1 L
RoHS + HF
Lead Length
Type of Packaging
Quantity
Current Rating
Series
T1: 52.4mm (2.062”)*
R = Reel
A = Ammo Pack
N = 5000
P = 2000
Refer to Amp Code column of
Electrical Characteristics Table
Packaging
Packaging Option
Packaging Specification
Quantity &
Packaging Code


Similar Part No. - 04713.00PRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0471.500 LITTELFUSE-0471.500 Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
logo
Weidmuller
0471000000 WEIDMULLER-0471000000 Datasheet
1Mb / 52P
   SAK-series
logo
Littelfuse
0471001. LITTELFUSE-0471001. Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
0471001.NAT1L LITTELFUSE-0471001.NAT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
0471001.NRT1- LITTELFUSE-0471001.NRT1- Datasheet
38Kb / 1P
   PICO짰 II Time Lag Fuse 471 Series
More results

Similar Description - 04713.00PRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com