Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R1A105K Datasheet(PDF) 4 Page - TDK Electronics

Part # C1005X5R1A105K
Description  TDK MLCC PRODUCT LINE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005X5R1A105K Datasheet(HTML) 4 Page - TDK Electronics

  C1005X5R1A105K Datasheet HTML 1Page - TDK Electronics C1005X5R1A105K Datasheet HTML 2Page - TDK Electronics C1005X5R1A105K Datasheet HTML 3Page - TDK Electronics C1005X5R1A105K Datasheet HTML 4Page - TDK Electronics C1005X5R1A105K Datasheet HTML 5Page - TDK Electronics C1005X5R1A105K Datasheet HTML 6Page - TDK Electronics C1005X5R1A105K Datasheet HTML 7Page - TDK Electronics C1005X5R1A105K Datasheet HTML 8Page - TDK Electronics C1005X5R1A105K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
TDK C series offers high capacitance MLCC achieved
through precision technologies by enabling the use of
multiple thinner ceramic dielectric layers. TDK advanced
manufacturing process offers MLCC with monolithic structure
and superior mechanical strength as well as a high level of
reliability. Composed of only ceramics and base metals,
these
capacitors
provide
extremely
dependable
performance, exhibiting virtually no degradation even when
subjected to temperature extremes. Low stray capacitance
ensures high conformity with nominal values, thereby
simplifying the circuit design process. Owning to their low
ESR and excellent frequency characteristics, these products
are optimally suited for a variety of application.
L
B
B
W
T
L Body Length
W Body Width
T Body Height
B Terminal Width
Case Code
L
(mm)
W
(mm)
T max
(mm)
C0402/01005
0.40
0.20
0.20
C0603/0201
0.60
0.30
0.30
C1005/0402
1.00
0.50
0.50
C1608/0603
1.60
0.80
0.80
C2012/0805
2.00
1.25
1.25
C3216/1206
3.20
1.60
1.60
C3225/1210
3.20
2.50
2.50
C4532/1810
4.50
3.20
3.20
C5750/2220
5.70
5.00
2.80
TDK’s proprietary internal electrode structure
Wide capacitance range up to 100µF
Available voltage rating of 4V to 50V
Superior mechanical strength and reliability
Low ESR characteristic
Easy mounting due to no polarity
General electronic equipment
Mobile communication equipment
Power supply circuit
Office automation equipment
TV/LED displays
Servers/PCs/Notebooks/Tablets
Test and measurement equipment
Hybrid ICs, etc.
Decoupling
Smoothing
Charge pump
Features:
Applications:
C SERIES | General Application
Part Number Description
©TDK Corporation of America – Contents are subject to change without notice.
3
SERIES NAME & DIMENSION CODE
TEMPERATURE CHARACTERISTICS
RATED VOLTAGE (DC)
NOMINAL CAPACITANCE (pF)
CAPACITANCE TOLERANCE
PACKAGING STYLE
INTERNAL CODES
C3225
X7S
1H
K
T
����
106
TERMINATION
ELECTRODE
DIELECTRIC
Basic Design Construction Multi-layer Capacitor


Similar Part No. - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
logo
Texas Instruments
C1005X5R1A105K TI-C1005X5R1A105K Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
logo
TDK Electronics
C1005X5R1A105K TDK-C1005X5R1A105K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
More results

Similar Description - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R0J475K TDK-C1005X5R0J475K Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
C3225X7S1H106M TDK-C3225X7S1H106M Datasheet
293Kb / 1P
   TDK MLCC Capacitance Offering
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA105C104K4R AVX-AA105C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Tyco Electronics
180351-8 MACOM-180351-8 Datasheet
649Kb / 15P
   FASTIN-FASTON Product Line
logo
Renesas Technology Corp
SLG7TD43741 RENESAS-SLG7TD43741 Datasheet
2Mb / 16P
   TDK Power Strip Sequencer 1
June 21, 2022
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
   OUTLINE DWG SGC3 PRODUCT LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com