Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA55-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBTA55-AU
Description  NPN AND PNP HIGH VOLTAGE TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBTA55-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBTA55-AU Datasheet HTML 1Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 2Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 3Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 4Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 5Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 6Page - Pan Jit International Inc. MMBTA55-AU Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
STAD-NOV.30.2005
NPN AND PNP HIGH VOLTAGE TRANSISTOR
VOLTAGE 60~80 Volts
225 mWatts
POWER
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Marking :
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
PNP
NPN
1.FR-4=70 x 60 x 1mm.
2.Alumina=0.4 x 0.3 x 0.024 in. 99.5 alumina
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
SX
A
MT
I
N
U
T
)
1
e
t
o
N
(
d
r
a
o
B
5
-
R
F
n
o
it
a
p
i
s
s
i
D
e
c
iv
e
D
l
a
t
o
T
A
=5
2 OC
5
2
e
v
o
b
a
e
t
a
r
e
D
O
C
PD
5
2
2
8
.
1
W
m
/
W
m OC
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
JA
6
5
5
O
W
/
C
T
)
2
e
t
o
N
(
e
t
a
rt
s
b
u
S
a
n
i
m
u
l
A
n
o
it
a
p
i
s
s
i
D
e
c
iv
e
D
l
a
t
o
T
A
=5
2 OC
5
2
e
v
o
b
a
e
t
a
r
e
D
O
C
PD
0
0
3
4
.
2
W
m
/
W
m OC
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
JA
7
1
4
O
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
TJ,TSTG
0
5
1
o
t
5
5
-
O
C
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
Green molding compound as per IEC61249 Std. . (Halogen Free)
Lead free in comply with EU RoHS 2002/95/EC directives.
FEATURES
• NPN and PNP silicon, planar design
• Collector current I
C = 500mA
Acqire quality system certificate : TS16949
M MB TA 0 5 - A U=B 0 5
MM B TA 0 6 - A U=B 0 6
M M B TA 5 5 - A U= B 5 5
MM B TA 5 6 - A U=B 5 6
PA RA ME TE R
S YMB O-
L
MMB TA 0 5 -A U MM B TA 5 5 - A U M MB TA 0 6 -A U MM B TA 5 6 - A U UNITS
C o lle c to r-E mi tte r Vo lta g e
V
C E O
6 0
8 0
V
C o lle c to r-B a s e Vo lt a g e
V
C B O
6 0
8 0
V
E mi tte r-B a s e Vo lta g e
V
E B O
4 .0
V
C o lle c to r C urre nt- C o nti nuo us
I
C
5 0 0
mA
C i rc ui t F i g ure
NP N
P NP
NP N
P NP
MM BTA05-AU,M MBTA06-AU,MMBTA55-AU,M MBTA56-AU


Similar Part No. - MMBTA55-AU

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
More results

Similar Description - MMBTA55-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBTA05 PANJIT-MMBTA05 Datasheet
1Mb / 5P
   NPN AND PNP HIGH VOLTAGE TRANSISTOR
logo
Micro Electronics
BF420 MICRO-ELECTRONICS-BF420 Datasheet
75Kb / 1P
   NPN/PNP HIGH VOLTAGE SILICON TRANSISTOR
logo
Unisonic Technologies
N5027 UTC-N5027 Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_15 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_07 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
   PNP high-voltage transistor
1997 Apr 18
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
   PNP High Voltage Transistor
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com