Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MM74HC14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MM74HC14
Description  Hex Inverting Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005105
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC14
Hex Inverting Schmitt Trigger
General Description
The MM74HC14 utilizes advanced silicon-gate CMOS
technology to achieve the low power dissipation and high
noise immunity of standard CMOS, as well as the capability
to drive 10 LS-TTL loads.
The 74HC logic family is functionally and pinout compatible
with the standard 74LS logic family. All inputs are protected
from damage due to static discharge by internal diode
clamps to VCC and ground.
Features
s Typical propagation delay: 13 ns
s Wide power supply range: 2–6V
s Low quiescent current: 20
PA maximum (74HC Series)
s Low input current: 1
PA maximum
s Fanout of 10 LS-TTL loads
s Typical hysteresis voltage: 0.9V at VCC 4.5V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Logic Diagram
Order Number
Package
Package Description
Number
MM74HC14M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC14MX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC14SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC14MTCX_NL
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
MM74HC14N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HC14N_NL
N14A
Pb-Free 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD54HC14High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
HEF40106BHex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
CD74HC14High Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
MM74HCT14Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
ACS14MSRadiation Hardened Hex Inverting Schmitt Trigger 1 2 Intersil Corporation
HCS14MSRadiation Hardened HEX Inverting Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
74HCT14Hex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
HCTS14MSRadiation Hardened HEX Inverting Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
74AHC14Hex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
74HC14Hex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl