Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


0-1393280-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 0-1393280-6
Description  Micro Relay K (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Micro Relay K (THT – THR) (Continued)
Automotive Relays
PCB Single Relays
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature, DC coil
-40 to +105°C
Cold storage, IEC 60068-2-1
1000h; -40°C
Dry heat, IEC 60068-2-2
1000h; +125°C
Climatic cycling with condensation,
EN ISO 6988
20 cycles, storage 8/16h
Temperature cycling (shock),
IEC 60068-2-14, Na
100 cycles; -40/+125°C
Temperature cycling,
IEC 60068-2-14, Nb
35 cycles; -40/+125°C
Damp heat cyclic,
IEC 60068-2-30, Db, variant 1
6 cycles 25°C/55°C/93%RH
Damp heat constant,
IEC 60068-2-3 method Ca
56 days 40°C/95%RH
Degree of protection
THT:
RT III (61810), IP67 (IEC 60529)
THR:
RT II (61810), IP56 (IEC 60529)
Sealing test, IEC 60068-2-17: THT
Qc, method 2, 1min, 70°C
Corrosive gas
IEC 60068-2-42
10 days
IEC 60068-2-43
10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz; 6g6)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
6ms, up to 30g6)
Terminal type
PCB:THT, THR
Weight
approx. 4g (0.14oz)
Solderability (aging 3: 4h/155°C) THT
IEC 60068-2-20
Ta, method 1, hot dip 5s, 215°C
Solderability THR
IEC60068-2-58
hot dip 5s 245°C
Resistance to soldering heat THT
IEC 60068-2-20
Tb, method 1A, hot dip 10s,
260°C with thermal screen
Resistance to soldering heat THR
IEC 60068-2-58
260°C; preheating min 130°C
Storage conditions
according IEC 6006887)
Packaging unit
2000 pcs.
6) Depending on mounting position: no change in the switching state >10μs.
7) For general storage and processing recommendations please refer to our Application
Notes and especially to Storage in the Definitions or at http://relays.te.com/appnotes/
Coil Data
Rated coil voltage
12VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
001/801
12
6.9
1.5
254
567
002/802
10
5.7
1.25
181
552
021/821
10
6.9
1.5
181
552
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil operating range
Insulation Data
Initial dielectric strength
between open contacts
500VACrms
between contact and coil
500VACrms
0
50
100
150
200
250
300
-40-20
020406080100
120
Ambient temperature in °C
Umax
Uop (E=0V)
Does not take into account the temperature rise due to the contact current
E = pre-energization




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl