Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF1A Datasheet(PDF) 2 Page - Formosa MS

Part # DSF1A
Description  Surface Mount Standard Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DSF1A Datasheet(HTML) 2 Page - Formosa MS

  DSF1A Datasheet HTML 1Page - Formosa MS DSF1A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
DSF1A Thru DSF1J
Surface Mount Standard Rectifiers
Formosa MS
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222645
2008/02/10
2010/03/10
B
2


Similar Part No. - DSF1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DSF1A LUGUANG-DSF1A Datasheet
507Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
DSF1A JUXING-DSF1A Datasheet
587Kb / 2P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSF1A CHENDA-DSF1A Datasheet
586Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
DSF1A SUNMATE-DSF1A Datasheet
432Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
Guangdong Juxing Electr...
DSF1A JUXING-DSF1A Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
More results

Similar Description - DSF1A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S2A JUXING-S2A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S1A_DO-214AC JUXING-S1A_DO-214AC Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
S1A_DO-214AA JUXING-S1A_DO-214AA Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
DSR0.7A JUXING-DSR0.7A Datasheet
2Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
S05M CHENDA-S05M Datasheet
420Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
S2A-214AC JUXING-S2A-214AC Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com