Electronic Components Datasheet Search |
|
MRS1504T3 Datasheet(PDF) 1 Page - Motorola, Inc |
|
MRS1504T3 Datasheet(HTML) 1 Page - Motorola, Inc |
1 / 4 page 1 Rectifier Device Data Advance Information Surface Mount Standard Recovery Power Rectifier SMB Power Surface Mount Package Features mesa epitaxial construction with glass passivation. Ideally suited for high frequency switching power supplies; free wheeling diodes and polarity protection diodes. • Compact Package with J–Bend Leads Ideal for Automated Handling • Stable, High Temperature, Glass Passivated Junction Mechanical Characteristics: • Case: Molded Epoxy • Epoxy Meets UL94, VO at 1/8″ • Weight: 95 mg (approximately) • Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable • Maximum Temperature of 260°C / 10 Seconds for Soldering • Available in 12 mm Tape, 2500 Units per 13 inch Reel, Add “T3” Suffix to Part Number • Polarity: Notch in Plastic Body Indicates Cathode Lead • Marking: RGG MAXIMUM RATINGS Rating Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 400 V Average Rectified Forward Current (At Rated VR, TI = 118°C) IO 1.5 A Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TI = 118°C) IFRM 3.0 A Non–Repetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) IFSM 50 A Storage / Operating Case Temperature Tstg, TC –55 to 150 °C Operating Junction Temperature TJ –55 to 150 °C THERMAL CHARACTERISTICS Thermal Resistance – Junction–to–Lead (2) Thermal Resistance – Junction–to–Ambient (on 1 ″ sq. Cu. PCB pattern) Rtjl Rtja 18 79 °C/W ELECTRICAL CHARACTERISTICS Maximum Instantaneous Forward Voltage (1), see Figure 2 VF TJ = 25°C TJ = 100°C V (IF = 1.5 A) (IF = 2.25 A) 1.04 1.10 0.96 1.02 Maximum Instantaneous Reverse Current, see Figure 4 IR TJ = 25°C TJ = 100°C mA (VR = 400 V) (VR = 200 V) 1.0 0.5 340 180 (1) Pulse Test: Pulse Width ≤ 250 µs, Duty Cycle ≤ 2.0%. (2) Minimum pad size This document contains information on a new product. Specifications and information herein are subject to change without notice. REV 1 © Motorola, Inc. 1997 Order this document by MRS1504T3/D MOTOROLA SEMICONDUCTOR TECHNICAL DATA MRS1504T3 STANDARD RECOVERY RECTIFIER 1.5 AMPERES 400 VOLTS CASE 403A–03 SMB |
Similar Part No. - MRS1504T3 |
|
Similar Description - MRS1504T3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |