Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216C0G2J121K Datasheet(PDF) 11 Page - TDK Electronics

Part # C3216C0G2J121K
Description  Multilayer Ceramic Chip Capacitors General use(Mid voltage)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2J121K Datasheet(HTML) 11 Page - TDK Electronics

Back Button C3216C0G2J121K Datasheet HTML 7Page - TDK Electronics C3216C0G2J121K Datasheet HTML 8Page - TDK Electronics C3216C0G2J121K Datasheet HTML 9Page - TDK Electronics C3216C0G2J121K Datasheet HTML 10Page - TDK Electronics C3216C0G2J121K Datasheet HTML 11Page - TDK Electronics C3216C0G2J121K Datasheet HTML 12Page - TDK Electronics C3216C0G2J121K Datasheet HTML 13Page - TDK Electronics C3216C0G2J121K Datasheet HTML 14Page - TDK Electronics C3216C0G2J121K Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
(10/17)
002-01 / 20110816 / e413_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTIC: X5R(±15%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
1nF
1608
0.80±0.10
±10%
C1608X5R2A102K(080AA)
±20%
C1608X5R2A102M(080AA)
2012
0.85±0.10
±10%
C2012X5R2E102K(085AA)
±20%
C2012X5R2E102M(085AA)
3216
1.15±0.10
±10%
C3216X5R2J102K(115AA)
±20%
C3216X5R2J102M(115AA)
1.5nF
1608
0.80±0.10
±10%
C1608X5R2A152K(080AA)
±20%
C1608X5R2A152M(080AA)
2012
0.85±0.10
±10%
C2012X5R2E152K(085AA)
±20%
C2012X5R2E152M(085AA)
3216
1.15±0.10
±10%
C3216X5R2J152K(115AA)
±20%
C3216X5R2J152M(115AA)
2.2nF
1608
0.80±0.10
±10%
C1608X5R2A222K(080AA)
±20%
C1608X5R2A222M(080AA)
2012
0.85±0.10
±10%
C2012X5R2E222K(085AA)
±20%
C2012X5R2E222M(085AA)
3216
1.15±0.10
±10%
C3216X5R2J222K(115AA)
±20%
C3216X5R2J222M(115AA)
3.3nF
1608
0.80±0.10
±10%
C1608X5R2A332K(080AA)
±20%
C1608X5R2A332M(080AA)
2012
0.85±0.10
±10%
C2012X5R2E332K(085AA)
±20%
C2012X5R2E332M(085AA)
3216
1.15±0.10
±10%
C3216X5R2J332K(115AA)
±20%
C3216X5R2J332M(115AA)
4.7nF
1608
0.80±0.10
±10%
C1608X5R2A472K(080AA)
±20%
C1608X5R2A472M(080AA)
2012
0.85±0.10
±10%
C2012X5R2E472K(085AA)
±20%
C2012X5R2E472M(085AA)
3216
1.15±0.10
±10%
C3216X5R2J472K(115AA)
±20%
C3216X5R2J472M(115AA)
6.8nF
1608
0.80±0.10
±10%
C1608X5R2A682K(080AA)
±20%
C1608X5R2A682M(080AA)
2012
1.25±0.10
±10%
C2012X5R2E682K(125AA)
±20%
C2012X5R2E682M(125AA)
3216
1.15±0.10
±10%
C3216X5R2J682K(115AA)
±20%
C3216X5R2J682M(115AA)
10nF
1608
0.80±0.10
±10%
C1608X5R2A103K(080AA)
±20%
C1608X5R2A103M(080AA)
2012
1.25±0.10
±10%
C2012X5R2E103K(125AA)
±20%
C2012X5R2E103M(125AA)
3216
1.15±0.10
±10%
C3216X5R2J103K(115AA)
±20%
C3216X5R2J103M(115AA)
15nF
1608
0.80±0.10
±10%
C1608X5R2A153K(080AA)
±20%
C1608X5R2A153M(080AA)
2012
1.25±0.10
±10%
C2012X5R2E153K(125AA)
±20%
C2012X5R2E153M(125AA)
3216
1.30±0.10
±10%
C3216X5R2J153K(130AA)
±20%
C3216X5R2J153M(130AA)
22nF
1608
0.80±0.10
±10%
C1608X5R2A223K(080AA)
±20%
C1608X5R2A223M(080AA)
2012
1.25±0.10
±10%
C2012X5R2E223K(125AA)
±20%
C2012X5R2E223M(125AA)
3216
1.30±0.10
±10%
C3216X5R2J223K(130AA)
±20%
C3216X5R2J223M(130AA)
33nF
2012
1.25±0.20
±10%
C2012X5R2A333K(125AA)
±20%
C2012X5R2A333M(125AA)
3216
1.60±0.10
±10%
C3216X5R2J333K(160AA)
C3216X5R2E333K(160AA)
±20%
C3216X5R2J333M(160AA)
C3216X5R2E333M(160AA)
47nF
2012
1.25±0.20
±10%
C2012X5R2A473K(125AA)
±20%
C2012X5R2A473M(125AA)
3216
1.60±0.10
±10%
C3216X5R2E473K(160AA)
±20%
C3216X5R2E473M(160AA)
3225
2.00±0.20
±10%
C3225X5R2J473K(200AA)
±20%
C3225X5R2J473M(200AA)


Similar Part No. - C3216C0G2J121K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2J121K TDK-C3216C0G2J121K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C3216C0G2J121K060AA TDK-C3216C0G2J121K060AA Datasheet
1Mb / 28P
   C Series Commercial Grade Mid Voltage (100 to 630V)
C3216C0G2J121K060AA TDK-C3216C0G2J121K060AA Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216C0G2J121K060AA TDK-C3216C0G2J121K060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2J121K060AA TDK-C3216C0G2J121K060AA_17 Datasheet
184Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2J121K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com