Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C923 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MM74C923
Description  16-Key Encoder 20-Key Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C923 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MM74C923 Datasheet HTML 2Page - Fairchild Semiconductor MM74C923 Datasheet HTML 3Page - Fairchild Semiconductor MM74C923 Datasheet HTML 4Page - Fairchild Semiconductor MM74C923 Datasheet HTML 5Page - Fairchild Semiconductor MM74C923 Datasheet HTML 6Page - Fairchild Semiconductor MM74C923 Datasheet HTML 7Page - Fairchild Semiconductor MM74C923 Datasheet HTML 8Page - Fairchild Semiconductor MM74C923 Datasheet HTML 9Page - Fairchild Semiconductor MM74C923 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Typical Performance Characteristics
Typical Irp vs VIN at Any Y Input
Typical Ron vs VOUT at Any X Output
Typical FSCAN vs COSC
Typical Debounce Period vs CKBM
Typical Applications
Synchronous Handshake (MM74C922)
The keyboard may be synchronously scanned by omitting the capacitor at
osc. and driving osc. directly if the system clock rate is lower than 10 kHz
Synchronous Data Entry Onto Bus (MM74C922)
Outputs are enabled when valid entry is made and go into 3-STATE when
key is released.
The keyboard may be synchronously scanned by omitting the capacitor at
osc. and driving osc. directly if the system clock rate is lower than 10 kHz


Similar Part No. - MM74C923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C923 NSC-MM74C923 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Fairchild Semiconductor
MM74C923N FAIRCHILD-MM74C923N Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C923N FAIRCHILD-MM74C923N Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WM FAIRCHILD-MM74C923WM Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C923WM FAIRCHILD-MM74C923WM Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - MM74C923

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com