Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T821-006A1S102EEU Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T821-006A1S102EEU
Description  Box Header, 2.54pitch,w/o Latch ST AND R/A Dip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T821-006A1S102EEU Datasheet(HTML) 2 Page - Amphenol Corporation

  T821-006A1S102EEU Datasheet HTML 1Page - Amphenol Corporation T821-006A1S102EEU Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amphenol
T821
ROHS
T821 -
XXX
Housing
Color
Latch Type
0=Grey
00: STD (non latch)
Right Angle
1=Black
:
01:Short metal latch
:
02:Long metal latch
SO:w/stand off for pin
Box Header, 2.54pitch,w/o Latch ST&R/A Dip
XX
XX
R1
Box Header w/o
Latch, 2.54 Dip,
Positions
Plating
Direction
06=6 pos
A1=Full flash gold
R1=Right Angle
A2=15u'' gold
A3=30u'' gold
64=64 pos
A4= gold flash / Tin
SN=full Tin
A5= 30u" gold/ Tin
CEU
Variation code
Fixed Index
C= STD, PBT, 3.0mm pin tail
H=Nylon 6T, 3.0mm pin tail
General Specification
E=PBT / 2.54mm pin
Materials and Finish :
Insulator
: Glass-reinforce
thermoplastic, UL 94V-0.
Contac
t :Phosphor Bronze, plated
with full flash gold or selected gold in
mating area; 100u" full tin on the
termination area, with entire contact
under-plated 50u" nickel.
Electrical :
Contact Resistance:
20 mΩ max. at 1A
DC.
Insulation Resistance
:1000 Megohms min.
at 500VDC..
Dielectric Withstanding Voltage
: 1000
VAC/RMS 60Hz for one minute.
Current Rating
: 3A per contact
Valtage Rating
: 250VAC/RMS 60Hz
Envirement :
Operating Temperature:
-40degree C to +105 degree C
C


Similar Part No. - T821-006A1S102EEU

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T821-050A1R100CEU AMPHENOL-T821-050A1R100CEU Datasheet
184Kb / 2P
   Box Header, 2.54pitch,w/o Latch ST&R/A Dip
More results

Similar Description - T821-006A1S102EEU

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T821 AMPHENOL-T821 Datasheet
184Kb / 2P
   Box Header, 2.54pitch,w/o Latch ST&R/A Dip
logo
Adam Technologies, Inc.
BHR-26-HUA-SMT-A9350 ADAM-TECH-BHR-26-HUA-SMT-A9350 Datasheet
82Kb / 1P
   CUSTOM R/A BOX HEADER
logo
SUYIN USA, INC.
200138FR044G286ZU SUYIN-USA-200138FR044G286ZU Datasheet
94Kb / 1P
   2.0mm SOCKET R/A DIP TYPE W/O SCREW H:4.65mm
logo
Adam Technologies, Inc.
MHR-XX-HUAS ADAM-TECH-MHR-XX-HUAS Datasheet
106Kb / 1P
   LATCH BOX HEADER
MHR-XX-VTAS ADAM-TECH-MHR-XX-VTAS Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-15 ADAM-TECH-MHR-XX-VUAL-15 Datasheet
83Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL ADAM-TECH-MHR-XX-VUAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-A-XX-VUAL ADAM-TECH-MHR-A-XX-VUAL Datasheet
86Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUA ADAM-TECH-MHR-XX-HUA Datasheet
85Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUAS-15 ADAM-TECH-MHR-XX-HUAS-15 Datasheet
80Kb / 1P
   LATCH BOX HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com