Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005C0G1H821K050BA Datasheet(PDF) 3 Page - TDK Electronics

Part # C1005C0G1H821K050BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005C0G1H821K050BA Datasheet(HTML) 3 Page - TDK Electronics

  C1005C0G1H821K050BA Datasheet HTML 1Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 2Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 3Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 4Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 5Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 6Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 7Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 8Page - TDK Electronics C1005C0G1H821K050BA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Type: C0402 [EIA CC01005], C0603 [EIA CC0201], C1005 [EIA CC0402], C1608 [EIA
CC0603], C2012 [EIA CC0805], C3216 [EIA CC1206], C3225 [EIA CC1210],
C4532 [EIA CC1812], C5750 [EIA CC2220]
Version A13
• General electronic equipment
• Mobile communication equipment
• Power supply circuit
• Office automation equipment
• TV, LED displays
• Servers, PCs, Notebooks, Tablets
Features
Applications
C Series
General (Up to 50V)
L Body Length
W Body Width
T Body Height
B Terminal Width
G Terminal Spacing
Shape &
Dimensions
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
Terminal
C0402
0.40 ± 0.02 0.20 ± 0.02 0.07 min.
C0603
0.60 ± 0.03 0.30 ± 0.03 0.10 min.
C1005
1.00 ± 0.05 0.50 ± 0.05 0.10 min.
C1608
1.60 ± 0.10 0.80 ± 0.10 0.20 min.
C2012
2.00 ± 0.20 1.25 ± 0.20 0.20 min.
C3216
3.20 ± 0.20 1.60 ± 0.20 0.20 min.
C3225
3.20 ± 0.40 2.50 ± 0.30 0.20 min.
C4532
4.50 ± 0.40 3.20 ± 0.40 0.20 min.
C5750
5.70 ± 0.40 5.00 ± 0.40 0.20 min.
*Dimension tolerance are typical values
Code
Tolerance
B
± 0.10pF
C
± 0.25pF
D
± 0.50pF
F
± 1%
G
± 2%
J
± 5%
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
B
178” Reel, 2mm Pitch
K
178” Reel, 8mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
CH
0±60 ppm/°C
-25 to +85°C
C0G
0±30 ppm/°C
-55 to +125°C
JB
±10%
-25 to +85°C
X5R
±15%
-55 to +85°C
X6S
±22%
-55 to +105°C
X7R
±15%
-55 to +125°C
X7S
±22%
-55 to +125°C
Part Number
Construction
C • 3225 • X7R • 1H • 106 • M • 250 • A • C
Code
Thickness
020
0.20 mm
030
0.30 mm
050
0.50 mm
060
0.60 mm
080
0.80 mm
085
0.85 mm
115
1.15 mm
125
1.25 mm
Special Reserved Code
Code
Description
A, B, C TDK Internal Code
Code
Voltage (DC)
0G
4V
0J
6.3V
1A
10V
1C
16V
1E
25V
1V
35V
1H
50V
Code
Thickness
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
280
2.80 mm
320
3.20 mm
• High capacitance has been achieved through precision technologies
that enable the use of multiple thinner ceramic dielectric layers.
• A monolithic structure ensures superior mechanical strength and
reliability.
• Low ESL and excellent frequency characteristics allow for a circuit
design that closely conforms to theoretical values.
• Low self-heating and high ripple resistance due to low ESR.
The capacitance is expressed in three digit codes and in units of pico Farads (pF).
The first and second digits identify the first and second significant figures of the
capacitance. The third digit identifies the multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF = 1μF
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en


Similar Part No. - C1005C0G1H821K050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005C0G1H821K050BA TDK-C1005C0G1H821K050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H821K050BA TDK-C1005C0G1H821K050BA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005C0G1H821K050BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com