Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R1A476M125AC Datasheet(PDF) 2 Page - TDK Electronics

Part # C2012X5R1A476M125AC
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X5R1A476M125AC Datasheet(HTML) 2 Page - TDK Electronics

  C2012X5R1A476M125AC Datasheet HTML 1Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 2Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 3Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 4Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 5Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 6Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 7Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 8Page - TDK Electronics C2012X5R1A476M125AC Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Page 1
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en
SAFETY REMINDERS
REMINDERS
Please read before using this product
Notice : Effective January 2013, TDK will use a new catalog part number which adds product thickness and packaging
specification detail. This new part number should be referenced on all catalog orders going forward, and is not
applicable for OEM part number orders. Please be aware the last five digits of the TDK catalog part number will
differ from the TDK item description (internal control number) on the product label. Contact your local TDK Sales
representative for more information.
(Example)
Catalog Issued date
TDK Part Number (In Catalog)
TDK Item Description (On Delivery Label)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January 2013 and Later
C1608C0G1E103J080AA
C1608C0G1E103JT000N
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
Wemaymodifyproductsordiscontinueproductionofaproductlistedinthiscatalogwithoutpriornotification.
3.
Weprovide“DeliverySpecification”thatexplainprecautionsforthespecificationsandsafetyofeachproduct
listedinthiscatalog.Westronglyrecommendthatyouexchangethesedeliveryspecificationswithcustomers
that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
tothe“ForeignExchangeandForeignTradeControlLaw”.Insuchcases,itisnecessarytoacquireexport
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our
company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of our
company or a third party when you use a product listed in this catalog. We do not grant license of these rights.
7.
Thiscatalogonlyappliestoproductspurchasedthroughourcompanyoroneofourcompany’sofficialagencies.
This catalog does not apply to products that are purchased through other third parties.
REMINDERS


Similar Part No. - C2012X5R1A476M125AC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X5R1A476M125AC TDK-C2012X5R1A476M125AC_16 Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012X5R1A476M125AC TDK-C2012X5R1A476M125AC_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X5R1A476M125AC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com