Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74C923 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74C923
Description  16-Key Encoder 20-Key Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C923 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74C923 Datasheet HTML 2Page - Fairchild Semiconductor 74C923 Datasheet HTML 3Page - Fairchild Semiconductor 74C923 Datasheet HTML 4Page - Fairchild Semiconductor 74C923 Datasheet HTML 5Page - Fairchild Semiconductor 74C923 Datasheet HTML 6Page - Fairchild Semiconductor 74C923 Datasheet HTML 7Page - Fairchild Semiconductor 74C923 Datasheet HTML 8Page - Fairchild Semiconductor 74C923 Datasheet HTML 9Page - Fairchild Semiconductor 74C923 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
Asynchronous Data Entry Onto Bus (MM74C922)
Outputs are in 3-STATE until key is pressed, then data is placed on bus. When key is released, outputs return to 3-STATE.
Expansion to 32 Key Encoder (MM74C922)
Theory of Operation
The MM74C922/MM74C923 Keyboard Encoders imple-
ment all the logic necessary to interface a 16 or 20 SPST
key switch matrix to a digital system. The encoder will con-
vert
a
key
switch
closer
to
a
4(MM74C922)
or
5(MM74C923) bit nibble. The designer can control both the
keyboard scan rate and the key debounce period by alter-
ing the oscillator capacitor, COSE, and the key bounce
mask capacitor, CMSK. Thus, the MM74C922/MM74C923’s
performance can be optimized for many keyboards.
The keyboard encoders connect to a switch matrix that is 4
rows by 4 columns (MM74C922) or 5 rows by 4 columns
(MM74C923). When no keys are depressed, the row inputs
are pulled high by internal pull-ups and the column outputs
sequentially output a logic “0”. These outputs are open
drain and are therefore low for 25% of the time and other-
wise off. The column scan rate is controlled by the oscilla-
tor input, which consists of a Schmitt trigger oscillator, a 2-
bit counter, and a 2–4-bit decoder.
When a key is depressed, key 0, for example, nothing will
happen when the X1 input is off, since Y1 will remain high.
When the X1 column is scanned, X1 goes low and Y1 will
go low. This disables the counter and keeps X1 low. Y1
going low also initiates the key bounce circuit timing and
locks out the other Y inputs. The key code to be output is a
combination of the frozen counter value and the decoded Y
inputs. Once the key bounce circuit times out, the data is
latched, and the Data Available (DAV) output goes high.
If, during the key closure the switch bounces, Y1 input will
go high again, restarting the scan and resetting the key
bounce circuitry. The key may bounce several times, but as
soon as the switch stays low for a debounce period, the
closure is assumed valid and the data is latched.
A key may also bounce when it is released. To ensure that
the encoder does not recognize this bounce as another key
closure, the debounce circuit must time out before another
closure is recognized.
The two-key roll-over feature can be illustrated by assum-
ing a key is depressed, and then a second key is
depressed. Since all scanning has stopped, and all other Y
inputs are disabled, the second key is not recognized until
the first key is lifted and the key bounce circuitry has reset.
The output latches feed 3-STATE, which is enabled when
the Output Enable (OE) input is taken low.


Similar Part No. - 74C923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74C923 NSC-74C923 Datasheet
218Kb / 10P
   16, 20-Key Encoder
More results

Similar Description - 74C923

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com