Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74C922 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74C922
Description  16-Key Encoder 20-Key Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C922 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74C922 Datasheet HTML 1Page - Fairchild Semiconductor 74C922 Datasheet HTML 2Page - Fairchild Semiconductor 74C922 Datasheet HTML 3Page - Fairchild Semiconductor 74C922 Datasheet HTML 4Page - Fairchild Semiconductor 74C922 Datasheet HTML 5Page - Fairchild Semiconductor 74C922 Datasheet HTML 6Page - Fairchild Semiconductor 74C922 Datasheet HTML 7Page - Fairchild Semiconductor 74C922 Datasheet HTML 8Page - Fairchild Semiconductor 74C922 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Connection Diagrams (Continued)
Pin Assignment for
DIP and SOIC Package
Top View
MM74C923
Truth Tables
(Pins 0 through 11)
(Pins 12 through 19)
Note 1: Omit for MM74C922
Switch
Position
0
1234
5
6
789
10
11
Y1,X1 Y1,X2 Y1,X3 Y1,X4 Y2,X1 Y2,X2
Y2,X3 Y2,X4 Y3,X1 Y3,X2 Y3,X3
Y3,X4
D
A
A
0
10101
0
1010
1
T
B
0
01100
1
1001
1
A
C
0
00011
1
1000
0
O
D
0
00000
0
0111
1
UE (Note 1)
0
00000
0
0000
0
T
Switch
Position
12
13
14
15
16
17
18
19
Y4,X1
Y4,X2
Y4,X3
Y4,X4
Y5(Note 1),
X1
Y5 (Note 1),
X2
Y5 (Note 1),
X3
Y5 (Note 1),
X4
D
A
A
01
01
0
1
0
1
T
B
00
11
0
0
1
1
A
C
11
11
0
0
0
0
O
D
11
11
0
0
0
0
UE (Note 1)
0
0
0
0
1
1
1
1
T


Similar Part No. - 74C922

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74C922 NSC-74C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
ABCircuits
74C922-SO ABCIRCUITS-74C922-SO Datasheet
122Kb / 5P
   Keyboard / Keypad Encoder for up to 16 switches
December 2012
More results

Similar Description - 74C922

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com