Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62GB51T Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 62GB51T
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB51T Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button 62GB51T Datasheet HTML 2Page - Amphenol Corporation 62GB51T Datasheet HTML 3Page - Amphenol Corporation 62GB51T Datasheet HTML 4Page - Amphenol Corporation 62GB51T Datasheet HTML 5Page - Amphenol Corporation 62GB51T Datasheet HTML 6Page - Amphenol Corporation 62GB51T Datasheet HTML 7Page - Amphenol Corporation 62GB51T Datasheet HTML 8Page - Amphenol Corporation 62GB51T Datasheet HTML 9Page - Amphenol Corporation 62GB51T Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Schedule of Tests
Required for Qualification
Approval
Tests
Brief Description
Immersion (at low air pressure)
Mechanical Endurance
High Temperature Endurance
Mould Growth
Salt Mist
Dust
Robustness of Terminations
Contact Retention (in insert)
Insert Retention (in shell)
Test Prod Damage
Impact
Grounding Spring Holding Force Plugs
with grounding springs only.
Fluid Resistance
Compass Safe Distance
3 cycles at 30 mins each cycle, total immersion in
water at pressure 44 m bar.
500 operations minimum
Long term: 1,000 hrs. at 850C ambient carrying the
specified current. Short term: 250 hrs at 1250C, no
current.
As BS 9520: 1983, Clause 1.2.6.16.
28 days duration.
As BS 9520: 1983, Clause 1.2.6.17.
Severity 1.
As BS 9520: 1983, Clause 1.2.6.18
Exposure 30 minutes.
44,5 N (101bf) size 16
22,2 N (5 lbf) size 20
67,0 N (15 lbf) min. size 20
112,0 N (25 lbf) min. size 16
517 KN1m2 (751bf/in2) min.
Moment: 0,056 Nm (0.5 lbf in) size 20
0,225 Nm (2 lbf in) size 16
Five impacts, drop height 1 m (3ft.3 in.).
1,17 N (0.263 lbf) to 2,74 N (0.616 lbf)
according to size.
Immersion in 4 solvents and 9 fluids
including aircraft fuels, lubricating oils and
hydraulic fluids.
As BS 9520: 1974, Clause 1.2.5.11. 127
mm (5.0 in) min.


Similar Part No. - 62GB51T

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB51T

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com