Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62GB57P Datasheet(PDF) 11 Page - Amphenol Corporation

Part # 62GB57P
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB57P Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button 62GB57P Datasheet HTML 7Page - Amphenol Corporation 62GB57P Datasheet HTML 8Page - Amphenol Corporation 62GB57P Datasheet HTML 9Page - Amphenol Corporation 62GB57P Datasheet HTML 10Page - Amphenol Corporation 62GB57P Datasheet HTML 11Page - Amphenol Corporation 62GB57P Datasheet HTML 12Page - Amphenol Corporation 62GB57P Datasheet HTML 13Page - Amphenol Corporation 62GB57P Datasheet HTML 14Page - Amphenol Corporation 62GB57P Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Ordering
62GB Series
Connectors
INSERT ARRANGEMENT
18
11
P
B
(044)
Shell size (in sixteenths of an
inch) 8, 10, 12, 14, 16
18,20,22,24
Number of contacts
2, 3, 4, 5, 6, 7, 8, 10, 11, 12,
16, 19, 21', 23, 26, 32, 41, 55,
61
* consult factory for availability
Contact Style
P - Pins
S - Sockets For hermetic
connectors. P3 denotes pin
contacts with solder bucket
terminations. (Standard range).
P2 denotes pin contacts with
flattened and pierced
terminations.
(Special order).
Orientation
(Omit if normal orientation)
Keys/Keyways: A', B, C, D',
E. F, (see p. 31)
Inserts: W,X,Y,Z.(see p56/57)
*Inactive for new designs
Deviations
(044) Rough grip heavy duty
coupling ring.
(046) Box mounting plug.
(214)Fitted with extension
back shell and strain
relief clamp without
grommet on F types
only
(218) Lever coupling ring
(219)Contacts for flexible punted
wrung (57A and 12E only)
(639) Bright cadmium plated
shells
(345) Contacts for flexible punted
wiring 12H,13H 17H only
(276) Hermetics with gold
plated contacts.
(608) Black anodise.
(416) Electroless nickel
(714) Cadmium plate
olive drab
HOW TO ORDER FROM B.S. CONNECTOR NUMBERS
Select the connector style by reference to BS9522 F0017 using the code below for identification. Note that the B.S.
Specification includes only certain connectors from the table of styles as shown on pp. 8 & 9. Alternative
key/keyway orientations are preferred in the BS9522 F0017 Specification to prevent mis-mating. However, rotated
inserts are permissible where connectors are required to mate with or replace items to MIL-C-26482 on existing
equipment.
62GB - 14E
C2098
18-11
18 11
P
M
B
B
O
Style
Insert
Arrangement,
see above
M - Pin contacts
F - Socket contacts
Alternative
Key/Key way
Orientation
Variant.
0 – Standard
connector


Similar Part No. - 62GB57P

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB57P

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com