Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC000036 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # SC000036
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC000036 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button SC000036 Datasheet HTML 4Page - Amphenol Corporation SC000036 Datasheet HTML 5Page - Amphenol Corporation SC000036 Datasheet HTML 6Page - Amphenol Corporation SC000036 Datasheet HTML 7Page - Amphenol Corporation SC000036 Datasheet HTML 8Page - Amphenol Corporation SC000036 Datasheet HTML 9Page - Amphenol Corporation SC000036 Datasheet HTML 10Page - Amphenol Corporation SC000036 Datasheet HTML 11Page - Amphenol Corporation SC000036 Datasheet HTML 12Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8
www.sineco.com
M23 and M40
Connectors & Cables
Cord Grips - Traditional
Note: Meets IP 67 ratings
M23 A SERIES
PART NUMBER
CABLE RANGE
MA3CG-S1
4.5-7.5mm
MA3CG-S2
7.5-11.0mm
MA3CG-S3
11-15.0mm
23.0
46.5
Ø26.5
24.8
ACROSS
FLATS
24.0 ACROSS FLATS
M23 B SERIES
PART NUMBER
CABLE RANGE
MB3CG-S1
7.5-11.0mm
MB3CG-S2
11.0-14.5mm
MB3CG-S3
14.5-17.0mm
M40 C SERIES
PART NUMBER
CABLE RANGE
MC3CG-S1
7.5-11.0mm
MC3CG-S2
11.0-14.5mm
MC3CG-S3
14.5-17.0mm
MC3CG-S4
14.5-20.5mm
MC3CG-S5
20.5-26.0mm
23.0
46.5
Ø26.5
24.8
ACROSS
FLATS
24.0 ACROSS FLATS
38.0
ACROSS
FLATS
24.8
ACROSS
FLATS
Ø42.5
46.5
Ø42.5
61.0
38.0
ACROSS
FLATS


Similar Part No. - SC000036

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000530 ASS-SC000530 Datasheet
220Kb / 1P
   4MM, MALE PIN, 8-32 THREADUSE WITH PL000727
Rev. A1
SC000530 ASS-SC000530 Datasheet
2Mb / 6P
   Panel Rack Mount Power Connectors
SC000530 ASS-SC000530 Datasheet
170Kb / 1P
   KIT, 2 POSN, MALE RECPT, PINPRM SERIES™MACH CONT, MATES WITH PRM0400-GX-PLG
Rev. A1
SC000531-8 ASS-SC000531-8 Datasheet
220Kb / 1P
   4MM MALE PIN 8-10AWGCRIMPING
Rev. A1
SC000531-8 ASS-SC000531-8 Datasheet
2Mb / 6P
   Panel Rack Mount Power Connectors
More results

Similar Description - SC000036

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com