Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT02C-20-41SX005 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # PT02C-20-41SX005
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT02C-20-41SX005 Datasheet(HTML) 4 Page - Amphenol Corporation

  PT02C-20-41SX005 Datasheet HTML 1Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 2Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 3Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 4Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 5Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 6Page - Amphenol Corporation PT02C-20-41SX005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5
PT, SP Service Classes
PT and SP connectors are available in the service classes listed
below. Each class, with the exception of hermetic, offers one or
more means of terminating or supporting a cable or wire bun-
dle. Class “W” is not available in the SP Series.
“A”
General duty; back shell is threaded for conduit
attachment of MS3057 cable clamp
“A” (SR) General duty, with strain relief clamp for cable or wire
bundle support
“C”
Pressurized receptacle; less than 1 cu. in. per hour
leakage at 30 psi over a temperature range of –65°F
to +257°F
“E”
Environmental resistant connectors - supplied with a
multi-holed grommet and clamping nut for moisture-
proofing individual open wires
“E” (SR) Environmental resistant strain relief clamp and grom-
met for moisture proofing individual wires; provides
added wire bundle support
“J”
Same as “W” class except with strain relief
“P”
Translucent nylon boot for retaining customer-applied
potting compounds; held in place by a threaded ring
“P” (SR) Strain relief clamp suitable for retaining customer
applied potting compounds, with provision for wire
support
“W”
Compressing clamp and neoprene gland for moisture
proofing multi-conductor jacketed cables. Telescoping
sleeves (MS 3420A) can be used to adapt to cables
smaller than minimum close-down.
“H”*
Hermetically sealed with compression glass inserts
MS/PT Service Classes
The MS/PT Miniature connector is available in the following cer-
tified service classes:
“E”
Environmental resistant connectors - supplied with a
multi-holed grommet and clamping nut for moisture-
proofing individual open wires
“F”
Grommet seal with strain relief clamp
“P”
Translucent nylon boot for retaining customer-applied
potting compounds; held in place by a threaded ring
* Refer to pages 14-17 for Hermetic versions.
“A” general duty
“E” (SR), MS / “F” strain relief
“E” MS / “E” open wire seal
“P”, MS / “P” potting boot
“W” cable seal


Similar Part No. - PT02C-20-41SX005

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT02C-22-55SW AMPHENOL-PT02C-22-55SW Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
More results

Similar Description - PT02C-20-41SX005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com