Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3101A18-3SW Datasheet(PDF) 6 Page - Amphenol Corporation

Part # CS3101A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101A18-3SW Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button CS3101A18-3SW Datasheet HTML 2Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 3Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 4Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 5Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 6Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 7Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 8Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 9Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
5
Shell
Size
A
Thread
Class 2A
B
Min
Full
Thread
K
+.020
–.010
L
±.030
M
+.010
–.000
R
±.005
S
±.031
T
Dia.
+.004
–.002
V
Thread
Class 2A
Z
+.050
–.060
8S
.5000-28UNEF
.391
.672
1.391
.562
.594
.875
.120
.5000-28UNEF
.422
10S
.6250-24 UNF
.391
.672
1.468
.562
.719
1.000
.120
.5000-28UNEF
.422
10SL
.6250-24 UNF
.391
.672
1.468
.562
.719
1.000
.120
.6250-24NEF
.422
12S
.7500-20UNEF
.450
.672
1.468
.562
.812
1.094
.120
.6250-24NEF
.422
12
.7500-20UNEF
.625
.860
1.843
.750
.812
1.094
.120
.6250-24NEF
.672
14S
.8750-20UNEF
.450
.672
1.468
.562
.906
1.188
.120
.7500-20UNEF
.422
14
.8750-20UNEF
.625
.860
1.843
.750
.906
1.188
.120
.7500-20UNEF
.672
16S
1.0000-20UNEF
.450
.672
1.468
.562
.969
1.281
.120
.8750-20UNEF
.422
16
1.0000-20UNEF
.625
.860
1.843
.750
.969
1.281
.120
.8750-20UNEF
.672
18
1.1250-18NEF
.625
.891
1.938
.750
1.063
1.375
.120
1.0000-20UNEF
.641*
20
1.2500-18NEF
.625
.891
1.844
.750
1.156
1.500
.120
1.1875-18NEF
.641*
22
1.3750-18NEF
.625
.891
1.938
.750
1.250
1.625
.120
1.1875-18NEF
.641*
24
1.5000-18NEF
.625
.953
1.969
.812
1.375
1.750
.147
1.4375-18NEF
.578*
28
1.7500-18NS
.625
.953
2.188
.812
1.562
2.000
.147
1.4375-18NEF
.578*
32
2.0000-18NS
.625
1.031
2.157
.875
1.750
2.250
.173
1.7500-18NS
.500*
36
2.2500-16UN
.625
1.031
2.219
.875
1.938
2.500
.173
2.0000-18NS
.500*
40
2.5000-16UN
.625
1.031
2.188
.875
2.188
2.750
.173
2.2500-16UN
.500*
44***
2.7500-16UN
.625
1.031†
2.547
.875
2.375
3.000††
.173
2.5000-16UN
.751**
48***
3.0000-16UN
.625
1.031†
2.547
.875
2.625
3.000††
.173
3.0000-16UN
.751**
MS/Standard
MS3100A or C
wall mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.
** Increase Z dimension by .062 for size “0” contact only.
*** Available in proprietary version only.
† +.020 –.030
†† ±.020
SR
T
4 Holes
S
R
B
M
K
Z
V
Thread
A
Thread
L


Similar Part No. - CS3101A18-3SW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CS3101A18-5P-SR AMPHENOL-CS3101A18-5P-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
CS3101A18-5S-SR AMPHENOL-CS3101A18-5S-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Similar Description - CS3101A18-3SW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com