Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT01A-20-41PW005 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # PT01A-20-41PW005
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT01A-20-41PW005 Datasheet(HTML) 2 Page - Amphenol Corporation

  PT01A-20-41PW005 Datasheet HTML 1Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 2Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 3Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 4Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 5Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 6Page - Amphenol Corporation PT01A-20-41PW005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
The accompanying chart is provided to assist the user in selecting
the appropriate type of miniature connector to meet the application
requirements. Further information can be found in specific sections
of this catalog.
RI/FR = Rear Insertion/Front Releasable
RI/RR = Rear Insertion/Rear Releasable
o intermates with o
X intermates with X
†† Optional finishes available. See “how to order” sections.
*
Available in hermetic version
**
Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
PC
MS/
PT-SE
PT-SE
SP-SE PC-SE PT-CE SP-CE PC-CE
Intermateable†
o
o
o
X
o
o
o
X
o
o
X
Contacts
Solder
••••
Crimp RI/FR
••••••
Crimp RI/RR
Contact Retention
System
Non-Removable
••••
Removable
••••••
Coupling
Bayonet
•••
Threaded
••
Standard Finishes††
Olive Drab Cadmium (003)
••
Electroless Nickel (023)
Anodic Coated (005)
••
Bright Cadmium (001)
••
Temperature Range
Resilient Dielectric (125°C)
•••••
••••••
Hard Dielectric (175°C & 200°C)
Wide Mounting Flange
••
Hermetic Seal
••••
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
•••••
**•
••••
Cable Connecting Receptacle “01” ***
••
••
Box Mounting Receptacle “02”
*•
*•
**•
••••
Straight Plug “06”
•••••
••••••
Jam Nut Receptacle “07”
*•
*•
*•
••••••
Thru-bulkhead Receptacle “TB”
••
Solder Mount Receptacle “I”
*•
*•
*•
90° Plug “08”
•••••
Amphenol Miniature Cylindrical
connector selection guide
®


Similar Part No. - PT01A-20-41PW005

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT01A-20-26SZ-SR AMPHENOL-PT01A-20-26SZ-SR Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
More results

Similar Description - PT01A-20-41PW005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com