Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1RAP1701 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # MA1RAP1701
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1RAP1701 Datasheet(HTML) 4 Page - Amphenol Corporation

  MA1RAP1701 Datasheet HTML 1Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 2Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 3Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 4Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 5Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 6Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 7Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 8Page - Amphenol Corporation MA1RAP1701 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Amphenol Sine Systems
ALL M23 A SERIES INSERTS COME WITH 3 CODING KEYS.
To order the connector with the correct insert coding, change the 6th digit in the catalog part number per the coding
letter desired (see figure above).
Examples:
MA1CAE1200 for “E” coding, MA1CAF1200 for “F” coding, MA1CAG1200 for “G” coding
MA1CAP1200 for “P” coding, MA1CAR1200 for “R” coding, MA1CAS1200 for “S” coding
If you are ordering an “E” type connector, coding options are only: E, F & G. Normal coding is identified as “E”.
If you are odering a “P” type connector, coding options are only: P, R & S. Normal coding is identified as “P”.
(viewed from mating face of insert)
Insert Arrangements
M23 A Series (Face view: CW - clockwise, CCW - counter clockwise)
12pos E Type (CW)
16pos E Type (CW)
17pos E Type (CW)
12pos P Type (CCW)
16pos P Type (CCW)
17pos P Type (CCW)
11
10
9
8
7
6
5
4
3
2
12
16
15
14
13
17
E
1
2
3
4
5
6
7
8 9
10
11
12
E
1
1
E
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
P
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
9
12
11
10
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
P
1
M23 B Series (Face view of socket insert)
6pos
8pos
9pos
A
B
C
D
4
3
1
1
2
4
5
6
E
G
L
F
H
A
B
C
M40 C Series (Faceviewofsocketinsert)
6pos
8pos
2
W
-
+
U
1
V
W
-
+
U
Coding Keys
3.6mm
W
-
+
U
E
F
G
S
R P
CW
E
CCW
P
E
F
G
S
R P
CW
E
CCW
P
Contact Size Legend
2.0mm
1.0mm


Similar Part No. - MA1RAP1701

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
   Max. load ACME screw: 8,000N (push/pull)
20230919-H
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Altech corporation
MA1.0U ALTECH-MA1.0U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
MA1.6U ALTECH-MA1.6U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Lumins Inc.
MA10 LUMINIS-MA10 Datasheet
1Mb / 4P
   MA10 Pole mount
More results

Similar Description - MA1RAP1701

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com