Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74C911 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74C911
Description  4-Digit Expandable Segment Display Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C911 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74C911 Datasheet HTML 1Page - Fairchild Semiconductor 74C911 Datasheet HTML 2Page - Fairchild Semiconductor 74C911 Datasheet HTML 3Page - Fairchild Semiconductor 74C911 Datasheet HTML 4Page - Fairchild Semiconductor 74C911 Datasheet HTML 5Page - Fairchild Semiconductor 74C911 Datasheet HTML 6Page - Fairchild Semiconductor 74C911 Datasheet HTML 7Page - Fairchild Semiconductor 74C911 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Range”,
they are not meant to imply that the device should be operated at these lim-
its. The table of “Electrical Characteristics” provides conditions for actual
device operation.
Note 2: All voltage reference to ground.
DC Electrical Characteristics
Min/Max limits apply at
−40°C ≤ T
J ≤ +85°C, unless otherwise noted
Note 3:
θ
JA measured in free-air with device soldered into printed circuit board.
Voltage at Any Pin
except Inputs
−0.3V to V
CC + 0.3V
Voltage at Any Input
except Digits
−0.3V to +15V
Operating Temperature
Range, (TA)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (PD)
Refer to PD(MAX) vs TA Graph
Operating VCC Range
3V to 6V
Absolute Maximum VCC
6.5V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.0
V
VIN(0)
Logical “0” Input Voltage
1.5
V
IIN(1)
Logical “1” Input Current
VCC = 5V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 5V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current (Normal)
VCC = 5V, Outputs Open
0.50
2.5
mA
ICC
Supply Current (Power Saver)
VCC = 5V, SOE, DIO = “1”,
1
600
µA
D1, D2, D3, D4
= “0”
IOUT
3-STATE Output Current
VO = 5V
0.03
10
µA
VO = 0V
−10
−0.03
CMOS/LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 2V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
OUTPUT DRIVE
ISH
HIGH Level Segment Current
VCC = 5V, VO = 3.4V
TJ = 25°C
−60
−100
mA
TJ = 100°C
−40
−60
mA
IDH
HIGH Level Digit Current
VCC = 5V, VO = 3V
TJ = 25°C
−10
−20
mA
TJ = 100°C
−7
−10
mA
VCC = 5V, VO = 1V
TJ = 25°C
−15
−40
mA
TJ = 100°C
−10
−15
mA
VOUT(1)
Logical “1” Output Voltage,
VCC = 5V, IO = −360 µA4.6
V
Any Digit
VOUT(0)
Logical “0” Output Voltage,
VCC = 5V, IO = 360 µA0.4
V
Any Output
θ
JA
Thermal Resistance
(Note 3)
100
°C/W


Similar Part No. - 74C911

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74C915 NSC-74C915 Datasheet
214Kb / 4P
   MM54C915/MM74C915 7-Segment-to-BCD Converter
More results

Similar Description - 74C911

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
   7 Segment Dual Digit Display
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
   7 Segment Single Digit Display
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
LUMEX INC.
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
   7 Segment Dual Digit Display
logo
ABCircuits
SER7 ABCIRCUITS-SER7 Datasheet
245Kb / 11P
   Serial to Seven Segment Controller Expandable to 32 digits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com