Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C09111D0050002 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # C09111D0050002
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C09111D0050002 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button C09111D0050002 Datasheet HTML 3Page - Amphenol Corporation C09111D0050002 Datasheet HTML 4Page - Amphenol Corporation C09111D0050002 Datasheet HTML 5Page - Amphenol Corporation C09111D0050002 Datasheet HTML 6Page - Amphenol Corporation C09111D0050002 Datasheet HTML 7Page - Amphenol Corporation C09111D0050002 Datasheet HTML 8Page - Amphenol Corporation C09111D0050002 Datasheet HTML 9Page - Amphenol Corporation C09111D0050002 Datasheet HTML 10Page - Amphenol Corporation C09111D0050002 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Amphenol
7
Description
Drawing
No. of
cont.
Part Number solder termination
Part Number
Crimp termination
1)
Contact plating
silver
Contact plating
gold 2)
Male cable connector,
for cable diameter 4-6 mm,
termination: solder or crimp,
contact plating: silver or gold.
Male cable connector,
for cable diameter 6-8 mm,
termination: solder or crimp,
with clamping ring,
contact plating: silver or gold.
Male cable connector,
for cable diameter 4-6 mm,
termination: solder or crimp,
contact plating: silver or gold.
Male cable connector,
for cable diameter 4-6 mm,
solder termination,
plastic coated coupling ring,
contact plating: silver.
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
T 3200 001
T 3260 001
T 3300 001
T 3360 001
T 3360 010
T 3400 001
T 3475 001
T 3484 001
T 3504 001
T 3635 001
T 3650 001
T 3200 002
T 3260 002
T 3300 002
T 3360 002
T 3360 020
T 3400 002
T 3475 002
T 3484 002
T 3504 002
T 3200 004
T 3260 004
T 3300 004
T 3360 004
T 3356 004
T 3400 004
T 3475 004
T 3484 004
T 3504 004
T 3200 013
T 3260 013
T 3300 013
T 3360 013
T 3360 130
T 3400 013
T 3475 013
T 3484 013 4)
T 3504 013
T 3200 018
T 3260 018
T 3300 018
T 3360 018
T 3356 018 4)
T 3400 018
T 3475 018
T 3484 018 4)
T 3504 018
T 3635 000
T 3650 000
T 3200 028
T 3260 028
T 3300 028
T 3360 028
T 3356 028 4)
T 3400 028
T 3475 028
T 3484 028
T 3504 028
T 3635 002
T 3650 002
T 3200 048
T 3260 048
T 3300 048
T 3360 048
T 3356 048 4)
T 3400 048
T 3475 048
T 3484 048
T 3504 048
T 3635 004
T 3650 004
T 3400 038
T 3475 038
T 3260 551
T 3300 551
T 3360 551
T 3356 551
T 3400 551
T 3475 551
T 3484 551
T 3504 551
T 3260 552
T 3300 552
T 3360 552
T 3356 552
T 3400 552
T 3475 552
T 3484 552
T 3504 552
T 3260 554
T 3300 554 4)
T 3360 554 4)
T 3356 554
T 3400 554 4)
T 3475 554 4)
T 3484 554 4)
T 3504 554
1)
Please order crimp contacts separately, see page 43
2)
see remark page 5
3)
Contact order for DIN EN 60 130-9
4)
Available upon request.
Cable diameter 4-6 mm
Cable diameter 6-8 mm
Cable diameter 4-6 mm
Cable diameter 4-6 mm
C 091 A
Male cable connector,
screw locking,
straight
44,5
(1.752)
67,5
(2.658)
53
(2.087)
62
(2.441)
53
(2.087)
62
(2.441)
44,5
(1.752)
67,5
(2.658)
PG 9
PG 7


Similar Part No. - C09111D0050002

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0911A GENERAL-C0911A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C09111D0050002

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com