Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT-54689-BLKG Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-54689-BLKG
Description  50 ??6000 MHz InGaP HBT Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-54689-BLKG Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AVT-54689-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 15. S22 vs Frequency and Temperature
Figure 14. S11 vs Frequency and Temperature
Figure 13. Id vs Vd and Temperature
Figure 12. OIP3 vs. Frequency and Temperature
Figure 11. OIP3 vs. Frequency and Voltage
AVT-54689 Typical Performance Curves
TA = 25° C, Zo = 50 Ω, Vcc = 5.0 V, Pin = -15 dBm (unless specified otherwise), continued
85° C
25° C
-40° C
85° C
25° C
-40° C
20
22
24
26
28
30
32
34
36
38
40
0
1
2
3
4
Frequency (GHz)
20
22
24
26
28
30
32
34
36
38
40
0
1
2
3
4
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
0
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Vd (V)
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
85° C
25° C
-40° C
85° C
25° C
-40° C
4.5 V
5.0 V
5.5 V


Similar Part No. - AVT-54689-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689_15 Datasheet
592Kb / 11P
   InGaP HBT Gain Block
More results

Similar Description - AVT-54689-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-55689 AVAGO-AVT-55689 Datasheet
500Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-53663 AVAGO-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
DEMO-AVT-5X663 BOARDCOM-DEMO-AVT-5X663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-51663 AVAGO-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-53663 BOARDCOM-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com