Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1EAE1700 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # MA1EAE1700
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1EAE1700 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button MA1EAE1700 Datasheet HTML 4Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 5Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 6Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 7Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 8Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 9Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 10Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 11Page - Amphenol Corporation MA1EAE1700 Datasheet HTML 12Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7
Amphenol Sine Systems
M40 C SERIES
PART NUMBER
EXIT DIAMETER
MC4FSR-C18.5
17.5-18.5mm
M23 B SERIES
PART NUMBER
EXIT DIAMETER
MB4FSR-B10.3
9.5-10.3mm
MB4FSR-B12.5
11.5-12.5mm
MB4FSR-B14.5
13.5-14.5mm
MB4FSR-B17
15.5-17mm
FlexGrip™ Backshells For more information on FlexGrip™ technology, refer to page 2.
Contact Tooling
M23 A SERIES
PART NUMBER
EXIT DIAMETER
MA4FSR-A8.5
7.5-8.5mm
MA4FSR-A10.5
9.5-10.5mm
MA4FSR-A12.8
11.5-12.8mm
EXIT
DIAMETER
Ø25.2mm
43.5mm
68.5mm
68.5mm
Ø26.5mm
EXIT
DIAMETER
43.5mm
46.3mm
40mm
ACROSS
FLATS
EXIT
DIAMETER
76.5mm
Note: FlexGrip™ Backshells must be potted to achieve IP 67 ratings.
Pneumatic Crimp Tool
SIZE (mm)
OPTION
1.0mm
UNIVERSAL LOCATOR
PART NUMBER: WA22
PART NUMBER: SK2/2
2.0mm
UNIVERSAL LOCATOR
PART NUMBER: WA27F
PART NUMBER: UH2-5
3.6mm
UNIVERSAL LOCATOR
PART NUMBER: WA23
PART NUMBER: WA23-1010DA
Universal Hand Crimp Tool
SIZE (mm)
OPTION 1
OPTION 2
1.0mm
UNIVERSAL LOCATOR
SOLID LOCATOR
PART NUMBER: AFM8
PART NUMBER: SK2/2
PART NUMBER: K613
2.0mm
UNIVERSAL LOCATOR
SOLID LOCATOR
PART NUMBER: AF8
PART NUMBER: UH2-5
N/A


Similar Part No. - MA1EAE1700

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
   Max. load ACME screw: 8,000N (push/pull)
20230919-H
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Altech corporation
MA1.0U ALTECH-MA1.0U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
MA1.6U ALTECH-MA1.6U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Lumins Inc.
MA10 LUMINIS-MA10 Datasheet
1Mb / 4P
   MA10 Pole mount
More results

Similar Description - MA1EAE1700

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com