Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C991N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74C991N
Description  4-Digit Expandable Segment Display Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C991N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C991N Datasheet HTML 1Page - Fairchild Semiconductor MM74C991N Datasheet HTML 2Page - Fairchild Semiconductor MM74C991N Datasheet HTML 3Page - Fairchild Semiconductor MM74C991N Datasheet HTML 4Page - Fairchild Semiconductor MM74C991N Datasheet HTML 5Page - Fairchild Semiconductor MM74C991N Datasheet HTML 6Page - Fairchild Semiconductor MM74C991N Datasheet HTML 7Page - Fairchild Semiconductor MM74C991N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
VCC = 5V, tr = tf = 20 ns, CL = 50 pF
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: Capacitance guaranteed by periodic testing.
Switching Time Waveforms
Write Data Waveforms
3-STATE Waveforms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tCW
Chip Enable to Write Enable Set-Up Time
TJ = 25°C35
15
ns
TJ = 125°C50
20
ns
tAW
Address to Write Enable Set-Up Time
TJ = 25°C35
15
ns
TJ = 125°C50
20
ns
tWW
Write Enable Width
TJ = 25°C
400
225
ns
TJ = 125°C
450
250
ns
tDW
Data to Write Enable Set-Up Time
TJ = 25°C
390
225
ns
TJ = 125°C
430
250
ns
tWD
Write Enable to Data Hold Time
TJ = 25°C0
−10
ns
TJ = 125°C0
−15
ns
tWA
Write Enable to Address Hold Time
TJ = 25°C0
−10
ns
TJ = 125°C0
−15
ns
tWC
Write Enable to Chip Enable Hold Time
TJ = 25°C55
30
ns
TJ = 125°C75
40
ns
t1H, t0H
Logical “1”, Logical “0” Levels into 3-STATE
RL=10k, CL=10 pF
TJ = 25°C
275
500
ns
TJ = 125°C
325
600
ns
tH1, tH0
3-STATE to Logical “1” or
RL=10k, CL=10 pF
Logical “0” Levels
TJ = 25°C
325
600
ns
TJ = 125°C
375
700
ns
tD1, tD0
Propagation Delay from Digit Input to
TJ = 25°C
500
1000
ns
Segment Output
TJ = 125°C
700
1400
ns
tIB
Interdigit Blanking Time
TJ = 25°C5
10
µs
TJ = 125°C10
20
µs
fMUX
Multiplex Scan Frequency
TJ = 25°C525
Hz
TJ = 125°C375
Hz
CIN
Input Capacitance
(Note 5)
5
7.5
pF
COUT
3-STATE Output Capacitance
(Note 5)
30
50
pF


Similar Part No. - MM74C991N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90 Datasheet
54Kb / 6P
   4-Bit Binary Counter
logo
Texas Instruments
MM74C90 TI1-MM74C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901M FAIRCHILD-MM74C901M Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
More results

Similar Description - MM74C991N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
   7 Segment Dual Digit Display
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
   7 Segment Single Digit Display
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
LUMEX INC.
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
   7 Segment Dual Digit Display
logo
ABCircuits
SER7 ABCIRCUITS-SER7 Datasheet
245Kb / 11P
   Serial to Seven Segment Controller Expandable to 32 digits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com