Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6430-TR2G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6430-TR2G
Description  27-34 GHz, 0.5W Power Amplifier in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6430-TR2G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6430-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Typical Scattering Parameters [1]
(TA = 25°C, Vd =5 V, Idq = 650 mA, Zin = Zout = 50Ω)
Freq
[GHz]
S11
S21
S12
S22
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
1
-0.077
0.991
-30.672
-60.460
0.001
156.200
-81.678
8.24E-05 13.553
-0.075
0.991
-31.001
2
-0.244
0.972
-61.135
-52.134
0.002
7.598
-79.982
1.00E-04 -1.433
-0.218
0.975
-61.826
3
-0.507
0.943
-91.481
-55.059
0.002
-178.810 -78.816
1.15E-04 -26.240
-0.450
0.949
-92.759
4
-0.857
0.906
-121.770 -62.791
0.001
135.030
-73.965
2.00E-04 -79.414
-0.847
0.907
-123.780
5
-1.286
0.862
-152.370 -43.769
0.006
72.309
-66.459
4.75E-04 -89.529
-1.465
0.845
-152.600
6
-1.834
0.810
176.860
-43.125
0.007
-55.096
-61.854
8.08E-04 -141.380 -1.593
0.832
177.570
7
-2.497
0.750
146.160
-47.710
0.004
-138.310 -59.371
1.08E-03 -174.860 -2.056
0.789
145.900
8
-3.218
0.690
115.480
-50.926
0.003
167.090
-58.859
1.14E-03 151.750
-2.614
0.740
114.510
9
-3.952
0.634
84.820
-48.273
0.004
127.030
-51.689
2.60E-03 128.260
-3.234
0.689
82.673
10
-4.734
0.580
54.869
-47.156
0.004
82.462
-49.760
3.25E-03 76.311
-3.919
0.637
51.597
11
-5.372
0.539
26.213
-46.361
0.005
37.278
-47.391
4.27E-03 33.764
-4.545
0.593
21.330
12
-5.892
0.507
-1.577
-49.213
0.003
16.009
-48.433
3.79E-03 -0.070
-5.413
0.536
-7.654
13
-6.334
0.482
-28.136
-43.321
0.007
-18.990
-47.536
4.20E-03 -31.732
-4.738
0.580
-29.552
14
-6.785
0.458
-52.977
-49.276
0.003
-50.499
-50.113
3.12E-03 -62.027
-4.740
0.579
-63.489
15
-7.246
0.434
-75.942
-48.968
0.004
-66.480
-47.510
4.21E-03 -80.734
-5.196
0.550
-93.519
16
-7.822
0.406
-95.873
-50.759
0.003
79.915
-49.051
3.53E-03 -117.620 -5.850
0.510
-122.580
17
-8.056
0.396
-113.940 -31.831
0.026
37.293
-53.232
2.18E-03 -135.710 -6.891
0.452
-151.530
18
-8.011
0.398
-130.700 -19.650
0.104
-11.371
-54.404
1.90E-03 -136.240 -8.605
0.371
179.660
19
-8.003
0.398
-150.530 -8.565
0.373
-65.975
-52.389
2.40E-03 -100.790 -11.491
0.266
151.610
20
-8.086
0.394
-172.380 2.944
1.404
-130.730 -45.317
5.42E-03 -135.360 -15.971
0.159
128.630
21
-10.147
0.311
160.910
16.205
6.460
130.360
-44.518
5.94E-03 179.470
-32.906
0.023
80.680
22
-10.495
0.299
156.560
19.584
9.533
-6.027
-44.477
5.97E-03 146.120
-18.247
0.122
-170.070
23
-12.051
0.250
132.580
19.712
9.674
-99.417
-44.466
5.98E-03 129.370
-18.242
0.122
169.400
24
-15.378
0.170
122.010
20.404
10.476
174.220
-44.254
6.13E-03 102.170
-17.689
0.130
159.240
25
-16.652
0.147
127.100
20.339
10.398
91.597
-44.452
5.99E-03 63.925
-18.009
0.126
147.290
26
-17.111
0.139
113.670
19.880
9.862
16.978
-44.351
6.06E-03 36.998
-19.138
0.110
134.330
27
-23.026
0.071
100.620
20.040
10.046
-54.022
-45.333
5.41E-03 1.733
-23.261
0.069
137.140
28
-20.256
0.097
166.160
20.218
10.255
-128.560 -52.770
2.30E-03 -49.664
-18.834
0.114
161.640
29
-14.571
0.187
152.630
20.087
10.100
157.600
-49.161
3.48E-03 -75.571
-15.869
0.161
147.670
30
-13.363
0.215
128.640
19.761
9.729
85.669
-57.520
1.33E-03 15.834
-15.535
0.167
128.380
31
-11.814
0.257
107.980
19.830
9.807
10.808
-86.823
4.56E-05 -92.886
-14.211
0.195
109.870
32
-10.715
0.291
83.770
19.352
9.282
-68.718
-58.807
1.15E-03 -82.154
-13.484
0.212
82.184
33
-10.889
0.285
65.105
18.619
8.531
-150.100 -62.898
7.16E-04 92.036
-14.452
0.189
72.563
34
-11.417
0.269
41.069
18.093
8.028
124.500
-51.835
2.56E-03 -4.332
-15.301
0.172
53.869
35
-12.098
0.248
36.792
15.162
5.730
14.850
-52.719
2.31E-03 -115.640 -12.933
0.226
56.976
36
-11.897
0.254
24.365
7.101
2.265
-75.509
-58.568
1.18E-03 -48.164
-12.205
0.245
32.346
37
-11.125
0.278
13.967
-0.825
0.909
-142.060 -57.430
1.34E-03 -124.980 -12.066
0.249
15.583
38
-10.020
0.316
-0.758
-7.753
0.410
161.700
-52.497
2.37E-03 -154.340 -11.605
0.263
0.967
39
-9.222
0.346
-16.019
-13.812
0.204
110.760
-56.625
1.47E-03 116.090
-11.065
0.280
-12.574
40
-8.609
0.371
-32.089
-19.209
0.110
62.155
-55.294
1.72E-03 91.256
-10.402
0.302
-26.857
41
-8.175
0.390
-47.230
-24.340
0.061
13.948
-56.805
1.44E-03 1.705
-9.889
0.320
-40.144
42
-7.588
0.417
-62.593
-29.416
0.034
-31.372
-57.472
1.34E-03 -87.233
-9.293
0.343
-52.531
43
-7.587
0.417
-78.246
-34.254
0.019
-72.562
-64.193
6.17E-04 -136.190 -8.532
0.374
-64.211
44
-7.506
0.421
-89.361
-38.657
0.012
-112.560 -69.135
3.49E-04 -109.180 -7.654
0.414
-77.188
45
-7.332
0.430
-101.290 -43.475
0.007
-145.910 -60.759
9.16E-04 -29.843
-7.062
0.444
-90.938
Note:
1. Data obtained from a 2.4-mm connecter based module, and this data is including connecter loss, and board loss.


Similar Part No. - AMMP-6430-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430-TR2G AVAGO-AMMP-6430-TR2G Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
AMMP-6430-TR2G AVAGO-AMMP-6430-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6430-TR2G BOARDCOM-AMMP-6430-TR2G Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
More results

Similar Description - AMMP-6430-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6430 BOARDCOM-AMMP-6430 Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
logo
Hittite Microwave Corpo...
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
   Amplifier, Power, 0.5W 12.7-15.4 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
   Amplifier, Power, 0.5W 11.5-16.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com